Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6901 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM6901
Description  2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM6901 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM6901 Datasheet HTML 1Page - Qorvo, Inc RFFM6901 Datasheet HTML 2Page - Qorvo, Inc RFFM6901 Datasheet HTML 3Page - Qorvo, Inc RFFM6901 Datasheet HTML 4Page - Qorvo, Inc RFFM6901 Datasheet HTML 5Page - Qorvo, Inc RFFM6901 Datasheet HTML 6Page - Qorvo, Inc RFFM6901 Datasheet HTML 7Page - Qorvo, Inc RFFM6901 Datasheet HTML 8Page - Qorvo, Inc RFFM6901 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Revision DS20170818
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6901
4 of 11
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
9
12
dB
LNA_VCC = 2.7V; LNA Bias = Low Bias
Noise Figure at Low Bias
2.5
3.5
dB
LNA_VCC = 3.3V to 4.2V; LNA Bias = Low Bias
3
4
dB
LNA_VCC = 2.7V; LNA Bias = Low Bias
Input IP3 at LB
-1
1
dBm
LNA_VCC = 3.3V to 4.2V; LNA Bias = Low Bias
Rx LNA Bypass Mode
-5
dBm
LNA_VCC = 2.7V; LNA Bias = Low Bias
Power Supply Current
3
3
4
mA
LNA_VCC = 3.6V
Rx LNA Bypass Mode
LNAVCC = VDIG = 4.0V, PA VCC = 0V, CTL1 = CTL2 = CTL4 = 3.8V,
CTL3 = CTL5 = 0V.
Operating Voltage
2.7
4.0
4.2
V
LNA_VCC
Gain
-3.0
-2.5
-2.0
dB
Input Ip3
12
18
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB
Power Supply Current
1
2
mA
LNA Leakage Current
0.5
5.0
µA
LNA_VCC = 4.2, PD_SEL = LOW
Antenna Switch Section
Insertion Loss TX-ANT1/2
0.8
1.0
dB
Insertion Loss ANT1/2- ASWRX
1.0
1.25
dB
Isolation
20
dB
Tx Return Loss
10
15
dB
Logic
Control Logic HIGH
2.5
4.0
V
Max Control Logic HIGH = Vcc +/- 0.2VDC
Control Logic LOW
0.0
0.2
0.3
V
Switch Control Table
Operating Mode
CTL1(ANT Select)
CTL2(TxRx Select)
CTL3(LNA Select)
CTL4(PD Select)
CTL5(PA_High Bias)
Tx to ANT1 LOW BIAS
1
0
0
1
0
Tx to ANT2 LOW BIAS
0
0
0
1
0
Rx from ANT1 HIGH/LOW
BIAS*
1
1
1
1
0
Rx from ANT2 HIGH/LOW
BIAS*
0
1
1
1
0
Rx from ANT1 LNA Bypass
1
1
0
1
0
Rx from ANT2 LNA Bypass
0
1
0
1
0
Tx ANT1 HIGH BIAS
1
0
0
1
1
Tx ANT2 HIGH BIAS
0
0
0
1
1
* The difference between Rx Mode High Bias and Rx Mode Low Bias is with Low Bias there is a 51KΩ pull-down resistor from pin 13 to ground while
High Bias leaves pin 13 floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com