Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9506GC Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9506GC
Description  60W/Port Gigabit Midspan Family for High-Power Powered Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9506GC Datasheet(HTML) 1 Page - Microchip Technology

  PD-9506GC Datasheet HTML 1Page - Microchip Technology PD-9506GC Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Summary
Microchip’s PD-9500GC family is 6, 12 and 24 multiport solution for remote powering of current as well as emerging high power ap-
plications. The PD-9500GC is designed specifically to power IEEE 802.11 access points, Pan-Tilt-Zoom (PTZ) and dome cameras, IP
videophones, thin clients and other high power Ethernet end terminals with 60W of power. The family solution support IEEE 802.3bt
powered devices and is also backward compatible and safe to use with any IEEE 802.3af/at terminal. It can power both existing
10/100Base-T devices and Gigabit devices. With the midspan’s plug and-play installation, they are easy and cost effective to imple-
ment leveraging existing Ethernet infrastructure while at the same time providing the assurance of a future proof network.
www.microchip.com
Power Over Ethernet
PD-9506GC/9512GC/9524GC Midspan
60W/Port Gigabit Midspan Family for High-Power Powered Devices
Product Features
• IEEE 802.3bt type 3 standard compliant
• IEEE 802.3af/at backward compatible
• PowerView Pro secure, remote SNMP web-based
management
• Supports both IPv4 and IPv6 addressing
• Plug-and-play installation
PoE Midspan
UPS
Monitors
PTZ Dome Camera
Thin Client
Data and Power
Power
Data
Data
Access Control
Management Station
Switch
Data
Data


Similar Part No. - PD-9506GC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9506G MICROSEMI-PD-9506G Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
PD-9506GACDC MICROSEMI-PD-9506GACDC Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
PD-9506GACDCM MICROSEMI-PD-9506GACDCM Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
PD-9506GM MICROSEMI-PD-9506GM Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
More results

Similar Description - PD-9506GC

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
8 Port Gigabit Power over Ethernet Midspan
logo
Microsemi Corporation
PD-9500G MICROSEMI-PD-9500G Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
9600G MICROSEMI-9600G Datasheet
305Kb / 2P
95 W/Port Gigabit Midspan Family for High Power Terminals
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GR MICROSEMI-PD-9501GR Datasheet
737Kb / 2P
Single-port, 60W Gigabit Midspan, 4-Pairs, 802.3at Compliant
logo
Microchip Technology
PD-95XX-10GC MICROCHIP-PD-95XX-10GC Datasheet
490Kb / 2P
Multi-port IEEE802.3bt Compliant 60W PoE Midspan Family with Network Management
6/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9606GC MICROCHIP-PD-9606GC Datasheet
528Kb / 2P
90W/Port Gigabit Midspan Family for High-Power Powered Devices
11/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com