Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9606GC/AC-US Datasheet(PDF) 2 Page - Microchip Technology

Part # PD-9606GC/AC-US
Description  90W/Port Gigabit Midspan Family for High-Power Powered Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9606GC/AC-US Datasheet(HTML) 2 Page - Microchip Technology

  PD-9606GC/AC-US Datasheet HTML 1Page - Microchip Technology PD-9606GC/AC-US Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their respective
companies.
© 2020, Microchip Technology Incorporated. All Rights Reserved. 11/20
DS00003231B
www.microchip.com
Specifications
Ordering Information
Product Name
Description
Part Number
PD-9606GC/AC
6-port BT midspan, 4-pairs 90W/port, managed,
10/100/1000 BaseT, AC input
PD-9606GC/AC-US: US plug
PD-9606GC/AC-EU: EU plug
PD-9606GC/AC-UK: UK plug
PD-9606GC/AC-AU: AU plug
PD-9612GC/AC
12-port BT midspan, 4-pairs 90W/port, managed,
10/100/1000 BaseT, AC input
PD-9612GC/AC-US: US plug
PD-9612GC/AC-EU: EU plug
PD-9612GC/AC-UK: UK plug
PD-9612GC/AC-AU: AU plug
PD-9624GC/AC
24-port BT midspan, 4-pairs 90W/port, managed,
10/100/1000 BaseT, AC input
PD-9624GC/AC-US: US plug
PD-9624GC/AC-EU: EU plug
PD-9624GC/AC-UK: UK plug
PD-9624GC/AC-AU: AU plug
Feature
Description
No. of Ports
6/12/24
Data Rates
10/100/1000 Mbps
Input Power
Requirements
AC Input Voltage: 100 to 240 Vac
PoE Power Budget
PD-9624GC/AC and PD-9612GC/AC – 950W
PD-9606GC/AC – 450W
Dimensions
438 mm × 272 mm × 44 mm
17.3 in × 10.8 in × 1.75 in or 1U
Weight
PD-9612GC and PD-9612GC - 14.3 lbs (5 kg) PD-9606GC - 9.25 lbs (4.2kg)
Remote Management
PowerView Pro is included
Indicators
System Indicator: AC Power (Green)
Channel Power Indicators:
Green-Power supplied over data and spare pairs
Orange-Power supplied over data or spare pairs
Connectors
PoE ports and management port: Shielded RJ-45, EIA 568A and 568B
Console Port: USB Connector Type B
Comm. Connector: USB-B type-B
Environmental
Conditions
Operating Ambient Temperature: Conditions 32º to 104ºF (0 to 40ºC)
Operating Humidity: 10% to 90%, Non-condensing
Storage Temperature: –4º to +158ºF (–20º to +70ºC)
Storage Humidity: 5% to 95%, Non-condensing
Operating Altitude: –1000 to 6,561 ft. (–304.8 to 2,000m)
Warranty
3 years
Regulatory Compliance
IEEE 802.3bt RoHS Compliant CE
Electromagnetic
Emission & Immunity
FCC Part 15, Class B, EN 55032 Class B, EN 55024,
EN 61000-3-2, EN 61000-3-3, VCCI
Safety
UL 60950-1, EN 60950-1, IEC 60950-1
UL 62368-1, EN 62368-1, IEC 62368-1
For More Information
www.microchip.com/design-centers/power-over-ethernet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com