Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9606GC/AC-US Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9606GC/AC-US
Description  90W/Port Gigabit Midspan Family for High-Power Powered Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9606GC/AC-US Datasheet(HTML) 1 Page - Microchip Technology

  PD-9606GC/AC-US Datasheet HTML 1Page - Microchip Technology PD-9606GC/AC-US Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Summary
Microchip's PD-9600GC family is 6, 12 and 24 multiport solution for remote powering of current as well as emerging high-power
applications. The PD-9600GC is designed specifically to power IEEE 802.11 access points, Pan-Tilt-Zoom (PTZ) and dome cam-
eras, IP videophones, thin clients and other high-power Ethernet end terminals with 90W of power. The family solution support
802.3bt powered devices and is also backward compatible and safe to use with any IEEE 802.3af/at terminal. It can power both
existing 10/100Base-T devices and Gigabit devices. With the midspan’s plug-and-play installation, they are easy and cost effective
to implement leveraging existing Ethernet infrastructure while at the same time providing the assurance of a future proof network.
www.microchip.com
Power Over Ethernet
PD-9606GC/9612GC/9624GC Midspan
90W/Port Gigabit Midspan Family for High-Power Powered Devices
Product Features
IEEE 802.3bt type 4 standard compliant
IEEE 802.3af/at backward compatible
PowerView Pro secure, remote SNMP web-based management
Supports both IPv4 and IPv6 addressing
Plug-and-play installation
PoE Midspan
UPS
Monitors
PTZ Dome Camera
Thin Client
Data and Power
Power
Data
Data
Access Control
Management Station
Switch
Data
Data


Similar Part No. - PD-9606GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-9606GC/AC-US MICROCHIP-PD-9606GC/AC-US Datasheet
381Kb / 2P
Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
7/21
More results

Similar Description - PD-9606GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8 Datasheet
456Kb / 2P
8 Port Gigabit Power Over Ethernet Midspan
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
8 Port Gigabit Power over Ethernet Midspan
POE90U-1BT PHIHONG-POE90U-1BT Datasheet
199Kb / 3P
90W Single Port Power over Ethernet Midspan IEEE802.3BT Compliant Power Injector
logo
Microsemi Corporation
PD-9500G MICROSEMI-PD-9500G Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
9600G MICROSEMI-9600G Datasheet
305Kb / 2P
95 W/Port Gigabit Midspan Family for High Power Terminals
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
PD-9601GO MICROSEMI-PD-9601GO Datasheet
173Kb / 2P
Single Port, 90W, Outdoor PoH Midspan
logo
Microchip Technology
PD-9506GC MICROCHIP-PD-9506GC Datasheet
549Kb / 2P
60W/Port Gigabit Midspan Family for High-Power Powered Devices
9/19
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
PD-96XXGC MICROCHIP-PD-96XXGC Datasheet
381Kb / 2P
Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
7/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com