Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5071ASR Datasheet(PDF) 13 Page - Qorvo, Inc

Part # RFFC5071ASR
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5071ASR Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button RFFC5071ASR Datasheet HTML 9Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 10Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 11Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 12Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 13Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 14Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 15Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 16Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
13 of 27
www.qorvo.com
®
RFFC5071A Pin Out
RFFC5072A Pin Out
Exposed
paddle
1
2
4
6
8
7
24
23
21
19
17
18
25
26
28
30
32
31
ENBL/GPO5
EXT_LO
EXT_LO_DEC
REXT
ANA_VDD1
LFILT1
LFILT2
LFILT3
MIX2_IPN
MIX2_IPP
ANA_VDD2
NC
NC
DIG_VDD
MIX1_OPP
MIX1_OPN
5
20
27
29
22
3
9
10
11
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com