Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5071ASR Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFFC5071ASR
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5071ASR Datasheet(HTML) 2 Page - Qorvo, Inc

  RFFC5071ASR Datasheet HTML 1Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 2Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 3Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 4Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 5Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 6Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 7Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 8Page - Qorvo, Inc RFFC5071ASR Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
2 of 27
www.qorvo.com
®
Ordering Information
Part No.
Description
Devices/Container
RFFC5071A
RFFC5071ASB
32-pin QFN
5-Piece sample bag
RFFC5071ASQ
32-pin QFN
25-Piece sample bag
RFFC5071ASR
32-pin QFN
100-Piece reel
RFFC5071ATR7
32-pin QFN
750-Piece reel
RFFC5071ATR13
32-pin QFN
2500-Piece reel
DKFC5071A
Complete Design Kit (3.7 GHz Baluns)
1 Box
RFFC5072A
RFFC5072ASB
32-pin QFN
5-Piece sample bag
RFFC5072ASQ
32-pin QFN
25-Piece sample bag
RFFC5072ASR
32-pin QFN
100-Piece reel
RFFC5072ATR7
32-pin QFN
750-Piece reel
RFFC5072ATR13
32-pin QFN
2500-Piece reel
DKFC5072A
Complete Design Kit (3.7 GHz Baluns)
1 Box
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +3.6
V
Input Voltage (VIN) any pin
-0.3 to VDD + 0.3
V
RF/IF mixer input power
+15
dBm
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Caution! ESD sensitive device
.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating conditions is not
implied. Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com