Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA4005 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFDA4005
Description  6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFDA4005 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFDA4005 Datasheet HTML 1Page - Qorvo, Inc RFDA4005 Datasheet HTML 2Page - Qorvo, Inc RFDA4005 Datasheet HTML 3Page - Qorvo, Inc RFDA4005 Datasheet HTML 4Page - Qorvo, Inc RFDA4005 Datasheet HTML 5Page - Qorvo, Inc RFDA4005 Datasheet HTML 6Page - Qorvo, Inc RFDA4005 Datasheet HTML 7Page - Qorvo, Inc RFDA4005 Datasheet HTML 8Page - Qorvo, Inc RFDA4005 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140902
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 15
RFDA4005
6-Bit, Digital Controlled Variable Gain Amplifier
50MHz to 4000MHz
RFMD’s RFDA4005 is a digitally controlled variable gain amplifier
featuring high linearity over the entire gain control range with
noise figure less than 6dB in its maximum gain state. The gain of
the 6-bit digital step attenuator is programmed with a serial mode
control interface. The RFDA4005 is packaged in a small 5.2mm x
5.2mm leadless laminate MCM which contains plated through
thermal vias for ultra-low thermal resistance. The footprint for this
module is directly compatible with a 5mm x 5mm QFN. This
module is easy to use with no external matching components
required.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
DSA
AMPIN
GND
GND
ATTOUT
NC
NC
NC
NC
E-pad
GND
Vdd
NC
NC
NC
NC
NC
NC
NC
Functional Block Diagram
Ordering Information
RFDA4005SQ
Sample bag with 25 pieces
RFDA4005SR
7" Reel with 100 pieces
RFDA4005TR13
13" Reel with 2500 pieces
RFDA4005PCK-410
50MHz to 4000MHz PCBA with 5-piece sample
bag
Package: MCM, 32-pin,
5.2mm x 5.2mm
Features
■
Broadband 50MHz to 4000MHz
Operation
■
6-Bit Digital Step Attenuator
■
Serial Mode Programming
■
Gain = -13.5dB to +18dB (0.5dB
Step Size)
■
High Output IP3/P1dB = +36dB/
20dBm
■
Single +5V Supply
■
Small 32-Pin, 5.2mm x 5.2mm,
MCM (Footprint Compatible with
5mm x 5mm, 32-Pin QFN)
Applications
■
Cellular, 3G Infrastructure
■
WiBro, WiMax, LTE
■
Microwave Radio
■
High Linear Power Control
RFDA4005


Similar Part No. - RFDA4005

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFDA4005PCK-410 RFMD-RFDA4005PCK-410 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFDA4005SQ RFMD-RFDA4005SQ Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFDA4005SR RFMD-RFDA4005SR Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFDA4005TR13 RFMD-RFDA4005TR13 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
More results

Similar Description - RFDA4005

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com