Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS58 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # CSS58
Description  Singleturn absolute encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

CSS58 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  CSS58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. CSS58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. CSS58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. CSS58 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Singleturn absolute encoder
CSS58
4
Programmable CAN operating modes
Mode
Explanation
Polled mode
The connected host requests the current actual position value via a remote transmission request telegram. The absolute
encoder reads in the current position, calculates all parameters that have been set and sends back the process actual
value through the same CAN identifier.
Cyclic mode
The absolute encoder sends the current actual process value cyclically, without being prompted by the host. The cycle
time can be programmed in milliseconds for values between 1 ms and 65536 ms.
Sync mode
After the sync telegram has been received by the host, the absolute encoder sends the current actual process value. If
multiple nodes should respond to the sync telegram, the individual nodes report one after the other according to their
CAN identifier. There is no programming of an offset time. The sync counter can be programmed so that the rotary
encoder does not transmit until after a defined number of sync telegrams.
Programmable rotary encoder parameters
Parameter
Explanation
Operating parameter
The direction of rotation (complement) can be specified by parameter as the operating parameter. This
parameter determines the direction of rotation in which the output code will ascend or descend.
Resolution per revolution
The "Resolution" parameter is used to program the rotary encoder so that a desired number of steps can be
implemented in reference to one revolution.
Preset value
The preset value is the desired position value that must be achieved for a specific physical setting of the axis.
The preset value parameter is used to set the actual position value to the desired actual process value.
2 limit switches
A total of two positions can be programmed. The absolute encoder sets one bit to high state in the 32 Bit actual
process value if a value falls outside the range between these two positions.
8 cam switches
Up to 8 position values can be programmed as cams. By reaching these values bits in object 6300h Cam state
register are set.
Order code
CS S 5 8
–
R 0 B N – 0 0
Number of bits singleturn
12
4096 (standard)
13
8192
16
65536
Temperature
N
not expanded
Output code
B
Binary
Option
0
no option
Exit position
R
radial
Connection type
AG
removable housing cover with terminal compartment
AN
removable housing cover with connectors M12x1
Shaft dimension/flange version
F1A
Recessed hollow shaft Ø10 mm x 30 mm
F2A
Recessed hollow shaft Ø12 mm x 30 mm
F3A
Recessed hollow shaft Ø15 mm x 30 mm
Housing material
N
Aluminium, powder coated
I
Inox
W
Aluminium, powder coated with shaft seal
Principle of operation
S
Singleturn
Shaft version
S
Recessed hollow shaft
Data format
C
CAN-Bus



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com