Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS58 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # CSS58
Description  Singleturn absolute encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

CSS58 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  CSS58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. CSS58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. CSS58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. CSS58 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Singleturn absolute encoder
CSS58
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
CSS58
Features
• Industrial standard
housing Ø58 mm
• Recessed hollow shaft
•16 Bit singleturn
• Galvanically isolated CAN
interface
•2 limit switches
• 8 programmable cams
• Velocity and acceleration output
• Event triggered process data
transfer
Description
Absolute encoders deliver an absolute step value
for each angle setting. All these values are
represented by code samples on one or more code
disks which are sampled by a photoelectric array.
The absolute encoder has a maximum basic
resolution of 65536 steps per revolution (16 Bits).
The encoders integrated CAN bus interface
supports all CANopen functions. The following
operating modes can be programmed, and can be
selectively turned on or off:
•
Polled mode
•Cyclic mode
•Sync mode
The absolute encoder is mounted directly onto the
application shaft, without any coupling. Rotation of
the encoder is prevented by a torque rest. The bus
electronics module is integrated into the removable
housing cover. This makes it possible to mount or
replace the encoder and the bus electronics
separately during installation or service.
Technical data
General specifications
Detection type
photoelectric sampling
Device type
Singleturn absolute encoder
Functional safety related parameters
MTTFd
80 a
Mission Time (TM)
20 a
L10
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage UB
10 ... 30 V DC
No-load supply current I0
max. 230 mA at 10 V DC
max. 100 mA at 24 V DC
Time delay before availability tv
< 250 ms
Linearity
± 2 LSB at 16 Bit, ± 1 LSB at 13 Bit, ± 0,5 LSB at 12 Bit
Output code
binary code
Code course (counting direction)
cw ascending (clockwise rotation, code course ascending)
cw descending (clockwise rotation, code course
descending)
Interface
Interface type
CANopen
Resolution
Single turn
up to 16 Bit
Overall resolution
up to 16 Bit
Transfer rate
max. 1 MBit/s
Standard conformity
communication profile: DS 301
Device profiles: DS 406 and DS 417 , programmable
according to class 2
Connection
Terminal compartment
in removable housing cover
Standard conformity
Degree of protection
DIN EN 60529, IP65
IP66 (with shaft seal)
Climatic testing
DIN EN 60068-2-30 , no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 20 g, 10 ... 2000 Hz
Ambient conditions
Operating temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
Combination 1
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Combination 2 (Inox)
housing: stainless steel
flange: stainless steel
shaft: stainless steel
Mass
approx. 550 g (combination 1)
approx. 1100 g (combination 2)
Rotational speed
max. 12000 min -1
Moment of inertia
30 gcm2
Starting torque
≤ 3 Ncm (version without shaft seal)
Tightening torque, fastening screws
max. 1.8 Nm
Shaft load
Angle offset
± 0.9 °
Axial offset
static: ± 0.3 mm, dynamic: ± 0.1 mm
Radial offset
static: ± 0.5 mm, dynamic: ± 0.2 mm
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source


Similar Part No. - CSS58

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CSS500 TDK-CSS500 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-12 TDK-CSS500-12 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-24 TDK-CSS500-24 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-30 TDK-CSS500-30 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-36 TDK-CSS500-36 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
More results

Similar Description - CSS58

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASS58-K PF-ASS58-K Datasheet
392Kb / 6P
Singleturn absolute encoder
AVS58-H PF-AVS58-H Datasheet
467Kb / 8P
Singleturn absolute encoder
AVS58-K PF-AVS58-K Datasheet
412Kb / 8P
Singleturn absolute encoder
BVS58 PF-BVS58 Datasheet
295Kb / 4P
Singleturn absolute encoder
CVS78E PF-CVS78E Datasheet
572Kb / 6P
Singleturn absolute encoder
DSS58 PF-DSS58 Datasheet
326Kb / 4P
Singleturn absolute encoder
EVS58-IZ PF-EVS58-IZ Datasheet
411Kb / 5P
Singleturn absolute encoder
EVS58-TZ PF-EVS58-TZ Datasheet
379Kb / 6P
Singleturn absolute encoder
EVS78E-P PF-EVS78E-P Datasheet
503Kb / 4P
Singleturn absolute encoder
FSS58 PF-FSS58 Datasheet
276Kb / 5P
Singleturn absolute encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com