Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVM58 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # CVM58
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

CVM58 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  CVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
CVM58
2
Dimensions
Electrical connection
Terminal
Cable
Explanation
⊥
-
Ground connection for power supply
(+)
Red
Power supply
(-)
Black
Power supply
G-
CAN ground
LBlue
CAN low
H
White
CAN high
G-
CAN ground
LBlue
CAN low
H
White
CAN high
15°
18
10
30
L
3
3.5
3
27.5
12.7
40
60
M4 x 0.7
6
M3 x 0.5
6
* Singleturn: L = 69, Multiturn : L = 80
** Aluminum: d = 59, stainless steel: d = 61
L
3
27.5
12.7
40
60
3
4
10
M4 x 0.7
6
* Singleturn: L = 69, Multiturn : L = 80
** Aluminum: d = 59, stainless steel: d = 61



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com