Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVM58 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # CVM58
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

CVM58 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  CVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. CVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
CVM58
3
Adjusting the participant address
The participant address can be adjusted with the rotary switches. The address can be defined between 1 and 96, and may only be
assigned once. The addresses 97 ... 99 are reserved.
Adjusting the termination resistor
The terminating resistor RT (121 Ω) can be connected to the circuit by means of the switch:
Baud rate adjustment
LED-indicators
Indicating and operating elements
Baud rate [kBit/s]
Switch position
Baud rate [kBit/s]
Switch position
20
0
500
5
50
1
800
6
100
2
1000
7
125
3
reserved
8
250
4
set baud rate by SDO message and LSS
9
CAN Run (green)
State
Description
flickering
AutoBitrate / LSS
Auto-bitrate detection is in progress or LSS services are in progress
blinking
PREOPERATIONAL
Encoder is in state PREOPERATIONAL
single flash
STOPPED
Encoder is in state STOPPED
double flash
reserved
triple flash
Program / Firmware download
a software download is running on the encoder
on
OPERATIONAL
the encoder is in state OPERATIONAL
Err (red)
State
Description
off
no error
the encoder is in working condition
flickering
AutoBitrate / LSS
Auto-bitrate detection is in progress or LSS services are in progress
blinking
invalid configuration
general configuration error
single flash
Warning limit reached
at least one of the error counters of the CAN controller has reached or exceeded
the warning level (too many error frames)
double flash
Error control event
a guard event (NMT-slave or NMT-master) or a heartbeat event (heartbeat consu-
mer) has occured
triple flash
Sync. error
the sync. message has not been received within the configured communication
cycle period time out (see objekt 1006h)
quadruple flash
Error, event-timer
an expected PDO has not been received before the even-timer elapsed
on
Bus off
the CAN controller is bus off
ON
T
G
H
-
+
G
x10
Bd
x1
LL
H
8
7
2
6 5 4
3
0
9
1
8
7
2
6 5 4
3
0
9
1
8
7
2
6 5 4
3
0
9
1
R
Termination resistor
Addressing
Supply voltage
Bus Out
Bus In
RS 485 interface
Error indicator
Status indicator
LED red
LED green
Baud rate
Err
Run
N
N
&
%
$ # "
!

' 
&
%
$ # "
!

' 
ON
R T
ON
R T
member X
last participant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com