Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3043 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFSA3043
Description  75 Voltage Controlled Attenuator (5 ??3000 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3043 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFSA3043 Datasheet HTML 1Page - Qorvo, Inc RFSA3043 Datasheet HTML 2Page - Qorvo, Inc RFSA3043 Datasheet HTML 3Page - Qorvo, Inc RFSA3043 Datasheet HTML 4Page - Qorvo, Inc RFSA3043 Datasheet HTML 5Page - Qorvo, Inc RFSA3043 Datasheet HTML 6Page - Qorvo, Inc RFSA3043 Datasheet HTML 7Page - Qorvo, Inc RFSA3043 Datasheet HTML 8Page - Qorvo, Inc RFSA3043 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
V
RFSA3043
75Ω Voltage Controlled Attenuator (5 – 3000 MHz)
Data Sheet
–Rev E, Jan 4, 2019| Subject to change without notice
- 3 of 16 -
www.qorvo.com
®
Evaluation Board Schematic
Ref Designator
Description
Manufacturer
Manufacturer Part #
U1
CATV Voltage Controlled Attenuator
Qorvo
RFSA3043
PCB
SA3043-410 Evaluation Board
DDI
SA3043-410(B)
J1-J4
CONN, F FEM EDGE MOUNT, 75Ω, 0.065”
Genesis Technology USA
GT20-300204
P1
CONN, HDR, ST, 4-
PIN, 0.100”
Samtec, Inc.
TSW-104-08-S-S
C3
CAP, 1000pF, 10%, 25V, X7R, 0402
Murata Electronics
GRM155R71H102KA01D
C4
CAP, 1µF, 10%, 16V, X7R, 1206
Murata Electronics
500R07S0R8AV4T
L1, L2
RES, 0Ω, 0402
Kamaya, Inc.
RMC1/16SJPTH
C1, C2, C5
DNP
N/A
N/A
Evaluation Board Bill of Materials (5 – 1200 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com