Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3043 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSA3043
Description  75 Voltage Controlled Attenuator (5 ??3000 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3043 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSA3043 Datasheet HTML 1Page - Qorvo, Inc RFSA3043 Datasheet HTML 2Page - Qorvo, Inc RFSA3043 Datasheet HTML 3Page - Qorvo, Inc RFSA3043 Datasheet HTML 4Page - Qorvo, Inc RFSA3043 Datasheet HTML 5Page - Qorvo, Inc RFSA3043 Datasheet HTML 6Page - Qorvo, Inc RFSA3043 Datasheet HTML 7Page - Qorvo, Inc RFSA3043 Datasheet HTML 8Page - Qorvo, Inc RFSA3043 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
–Rev E, Jan 4, 2019| Subject to change without notice
- 1 of 16 -
www.qorvo.com
QFN, 16pin, 3.0
 mm x 3.0 mm
Key Features
• Broadband 5 – 3000 MHz frequency range
• 30 dB attenuation range
• +50 dBm Input IP3 (typical)
• +80 dBm Input IP2 (typical)
• Low Distortion: -80 dBc CSO and -75 dBc CTB for 132
channel 38 dBmV input
• High 1 dB compression point (> +30 dBm)
• Low supply current: 2 mA (typical)
• 3 V to 5 V power supply
• Linear in dB control characteristic
Product Overview
The RFSA3043 is a fully monolithic analog voltage-
controlled
attenuator
(VCA)
featuring
exceptional
linearity over a typical temperature compensated 30 dB
gain control range. It incorporates a revolutionary new
circuit architecture to solve a long-standing industry
problem: high IP3, high attenuation range, low DC
current,
broad
bandwidth
and
temperature
compensated linear in dB control voltage characteristic.
This voltage-controlled attenuator is controlled by a
single
positive
control
voltage
with
on-chip
DC
conditioning circuitry. The slope of the control voltage
versus gain is selectable. The RFSA3043 draws a very
low 2 mA current and is packaged in a small 3 mm x
3 mm QFN. This attenuator is matched to 75 Ω over its
rated control range and frequency with no external
matching components required.
Ordering Information
Part Number
Description
RFSA3043SQ
Sample Bag with 25 Pieces
RFSA3043SR
7" Reel with 100 Pieces
RFSA3043TR7
7" Reel with 2500 Pieces
RFSA3043PCK-410
EVB with 5 Piece Sample Bag
RFSA3043
75Ω Voltage Controlled Attenuator (5 – 3000 MHz)
Functional Block Diagram
Top View
Applications
• Cable Modems
• CATV
• High Linearity Power Control
®


Similar Part No. - RFSA3043

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
RFSA3043PCK-410 RFMD-RFSA3043PCK-410 Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
RFSA3043SQ RFMD-RFSA3043SQ Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
RFSA3043SR RFMD-RFSA3043SR Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
RFSA3043TR7 RFMD-RFSA3043TR7 Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
More results

Similar Description - RFSA3043

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MACOM-SMG2 Datasheet
471Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
MA4P274-1225T MACOM-MA4P274-1225T_1 Datasheet
672Kb / 12P
Quad PIN Diode Attenuator 5 -3000 MHz
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
RF Micro Devices
RFSA3013 RFMD-RFSA3013 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3023 RFMD-RFSA3023 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
logo
Integrated Device Techn...
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Renesas Technology Corp
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Qorvo, Inc
QPC4043 QORVO-QPC4043 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com