Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0603C331M5HACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C331M5HACTU
Description  SMD Comm X8R HT150C, Ceramic, 330 pF, 20%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C331M5HACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C331M5HACTU Datasheet HTML 1Page - Kemet Corporation C0603C331M5HACTU Datasheet HTML 2Page - Kemet Corporation C0603C331M5HACTU Datasheet HTML 3Page - Kemet Corporation C0603C331M5HACTU Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Click here for the 3D model.
Dimensions
 
Chip Size
0603
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
 
Packaging
T&R, 180mm, Paper Tape
Packaging Quantity
4000
General Information
 
Series
SMD Comm X8R HT150C
Style
SMD Chip
Description
SMD, MLCC, High Temperature, Ultra-Stable
Features
High Temperature, Ultra-Stable
RoHS
Yes
Termination
Tin
Marking
No
AEC-Q200
No
Component Weight
4800 ug
Shelf Life
78 Weeks
MSL
1
Specifications
 
Capacitance
330 pF
Measurement Condition
1 MHz 1.0Vrms
Capacitance Tolerance
20%
Voltage DC
50 VDC
Dielectric Withstanding Voltage
125 VDC
Temperature Range
-55/+150°C
Temperature Coefficient
X8R
Capacitance Change with Reference
to +25°C and 0 VDC Applied (TCC)
15%, 1MegaHz 1.0Vrms
Dissipation Factor
2.5% 1 MHz 1.0Vrms
Aging Rate
0% Loss/Decade Hour:
Referee Time is 1000 Hours
Insulation Resistance
100 GOhms
C0603C331M5HACTU
Aliases (C0603C331M5HAC7867)
SMD Comm X8R HT150C, Ceramic, 330 pF, 20%, 50 VDC, X8R, SMD, MLCC,
High Temperature, Ultra-Stable, 0603
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any
warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the
correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no
obligation or liability for the advice given or results obtained.
Generated 8/03/2021 - 983b5bbe-e032-4230-b0bc-4a4486cbbaa9
© 2006 - 2021 KEMET


Similar Part No. - C0603C331M5HACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C331F5GACAUTO KEMET-C0603C331F5GACAUTO Datasheet
60Kb / 1P
SMD Auto C0G, Ceramic, 330 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C331F5GACTU KEMET-C0603C331F5GACTU Datasheet
58Kb / 1P
SMD Comm C0G, Ceramic, 330 pF, 1%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C331J1GACAUTO KEMET-C0603C331J1GACAUTO Datasheet
72Kb / 1P
SMD Auto C0G, Ceramic, 330 pF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C331J1GACTU KEMET-C0603C331J1GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 330 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C331J3GACTU KEMET-C0603C331J3GACTU Datasheet
71Kb / 1P
Ceramic, SMD Comm C0G, 330 pF, 5%, 25 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0603C331M5HACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C472K5HACTU KEMET-C0603C472K5HACTU Datasheet
60Kb / 1P
SMD Comm X8R HT150C, Ceramic, 4700 pF, 10%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
C0603C680F5HACTU KEMET-C0603C680F5HACTU Datasheet
62Kb / 1P
SMD Comm X8R HT150C, Ceramic, 68 pF, 1%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
C0603C220M5HACTU KEMET-C0603C220M5HACTU Datasheet
482Kb / 4P
SMD Comm X8R HT150C, Ceramic, 22 pF, 20%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
C0603C330M5HACTU KEMET-C0603C330M5HACTU Datasheet
483Kb / 4P
SMD Comm X8R HT150C, Ceramic, 33 pF, 20%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
C0603C470M5HACTU KEMET-C0603C470M5HACTU Datasheet
482Kb / 4P
SMD Comm X8R HT150C, Ceramic, 47 pF, 20%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
C0603C100M5HACTU KEMET-C0603C100M5HACTU Datasheet
482Kb / 4P
SMD Comm X8R HT150C, Ceramic, 10 pF, 20%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
C0603C101M5HACTU KEMET-C0603C101M5HACTU Datasheet
483Kb / 4P
SMD Comm X8R HT150C, Ceramic, 100 pF, 20%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
C0603C151M5HACTU KEMET-C0603C151M5HACTU Datasheet
484Kb / 4P
SMD Comm X8R HT150C, Ceramic, 150 pF, 20%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
C0603C160J5HACTU KEMET-C0603C160J5HACTU Datasheet
482Kb / 4P
SMD Comm X8R HT150C, Ceramic, 16 pF, 5%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
C0603C180M5HACTU KEMET-C0603C180M5HACTU Datasheet
483Kb / 4P
SMD Comm X8R HT150C, Ceramic, 18 pF, 20%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com