Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0603C331M5HACTU Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0603C331M5HACTU
Description  SMD Comm X8R HT150C, Ceramic, 330 pF, 20%, 50 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C331M5HACTU Datasheet(HTML) 3 Page - Kemet Corporation

  C0603C331M5HACTU Datasheet HTML 1Page - Kemet Corporation C0603C331M5HACTU Datasheet HTML 2Page - Kemet Corporation C0603C331M5HACTU Datasheet HTML 3Page - Kemet Corporation C0603C331M5HACTU Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C0603C331M5HACTU
Aliases (C0603C331M5HAC7867)
SMD Comm X8R HT150C, Ceramic, 330 pF, 20%, 50 VDC, X8R, SMD, MLCC,
High Temperature, Ultra-Stable, 0603
Generated 8/03/2021 - 983b5bbe-e032-4230-b0bc-4a4486cbbaa9
© 2006 - 2021 KEMET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com