Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS58-TZ Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # ESS58-TZ
Description  Singleturn absolute encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ESS58-TZ Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  ESS58-TZ Datasheet HTML 1Page - Pepperl+Fuchs Inc. ESS58-TZ Datasheet HTML 2Page - Pepperl+Fuchs Inc. ESS58-TZ Datasheet HTML 3Page - Pepperl+Fuchs Inc. ESS58-TZ Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Singleturn absolute encoder
ESS58-TZ
4
2
Indicators and operation means
Order code
ESS 5 8 N –
T Z R 0 B
– 0 0
Number of bits singleturn
13
8192 (standard)
16
65536
Temp.
N
Standard 0 ... 60 °C
T
Option -40 ... 85 °C
Output code
B
binary
Option
0
none
Exit position
R
radial
Connection type / protocol
TZ
TCP/IP protocol, 1 female connector/1 male connector, M12 x 1
Shaft dimensions
F1A
Recessed hollow shaft Ø10 mm x 30 mm
F2A
Recessed hollow shaft Ø12 mm x 30 mm
F3A
Recessed hollow shaft Ø15 mm x 30 mm
Housing material
N
Aluminium, powder coated
W
Aluminium, powder coated with shaft seal
Function principle
S
Singleturn
Shaft version
S
Recessed hollow shaft
Data format
E
Ethernet
S2: IP address
LED-window
ON: locked
OFF: adjustable
Voltage supply
Ethernet-Port
LED-indicators
IP address adjustment
Set switch S2 to position OFF. The IP address can be adjusted now.
In switch position ON, the IP address is blocked to avoid unintended
change.
The rotary switches and switch S1 are without any function.
LED
Colour
Meaning
Rx1
yellow
Data traffic on Port 1
Link1
green
Connection to an Ethernet device on Port 1
Col1
red
Bus collision on Port 1
Err
red
Internal error
Run
green
Ethernet interface ready to work



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com