Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS58-TZ Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ESS58-TZ
Description  Singleturn absolute encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ESS58-TZ Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ESS58-TZ Datasheet HTML 1Page - Pepperl+Fuchs Inc. ESS58-TZ Datasheet HTML 2Page - Pepperl+Fuchs Inc. ESS58-TZ Datasheet HTML 3Page - Pepperl+Fuchs Inc. ESS58-TZ Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Singleturn absolute encoder
ESS58-TZ
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
ESS58-TZ
Features
• Industrial standard
housing Ø58 mm
• Ethernet interface with TCP/IP
•16 Bit singleturn
• Integrated webserver
• Recessed hollow shaft
Description
In addition to the CANopen-, DeviceNet-, PRO-
FIBUS- and AS-Interface encoders, we have
broadened our product line of bus-capable ab-
solute encoders with the ESM58 for Ethernet.
Absolute singleturn rotary encoders deliver an
absolute step value for each angle setting. This
device has a maximum basic resolution of
65536 steps per revolution (16 bits).
The Ethernet interface of this absolute encoder
supports the TCP/IP protocol. The integrated
webserver provides Java applets, which allow
the whole parameterisation of the encoder via
any web browser. In addition to various
functions like resolution adjustment, e-mail-ser-
vices, change of the IP address and many
others, the following operation modes can be
selected:
•
Polled Mode
•
Cyclic Mode
•
Change of State Mode
The device is mounted directly onto the applica-
tion shaft, without any coupling. Rotation of the
absolute encoder is prevented by a torque rest.
Technical data
General specifications
Detection type
photoelectric sampling
Device type
Singleturn absolute encoder
Functional safety related parameters
MTTFd
130 a
Mission Time (TM)
20 a
L10
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage UB
10 ... 30 V DC
Power consumption P0
max. 4 W
Linearity
± 0.5 LSB (12 Bit) ,
Output code
binary code
Code course (counting direction)
programmable,
cw ascending (clockwise rotation, code course ascending)
cw descending (clockwise rotation, code course
descending)
Interface
Interface type
TCP/IP
Resolution
Single turn
up to 16 Bit
Overall resolution
up to 16 Bit
Physical
Ethernet
Transfer rate
10 MBit/s / 100 MBit/s
Connection
Connector
Ethernet: 1 socket M12 x 1, 4-pin, D-coded
Supply: 1 plug M12 x 1, 5-pin, A-coded
Standard conformity
Degree of protection
DIN EN 60529,
shaft side: IP64 (without shaft seal)/IP66 (with shaft seal)
housing side: IP65
Climatic testing
DIN EN 60068-2-3, no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 10 g, 10 ... 1000 Hz
Ambient conditions
Operating temperature
0 ... 60 °C (32 ... 140 °F) Standard , with Option T -40 ... 85 °C
(-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Mass
approx. 500 g
Rotational speed
max. 12000 min -1 without shaft seal
max. 3000 min -1 with shaft seal
Moment of inertia
30 gcm2
Starting torque
≤ 3 Ncm without shaft seal
≤ 5 Ncm with shaft seal
Tightening torque, fastening screws
max. 1.8 Nm
Shaft load
Angle offset
± 0.9 °
Axial offset
static: ± 0.3 mm, dynamic: ± 0.1 mm
Radial offset
static: ± 0.5 mm, dynamic: ± 0.2 mm
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source


Similar Part No. - ESS58-TZ

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ESS58-IZ PF-ESS58-IZ Datasheet
349Kb / 4P
Singleturn absolute encoder
ESS58-PN PF-ESS58-PN Datasheet
336Kb / 3P
Singleturn absolute encoder
ESS58-PZ PF-ESS58-PZ Datasheet
339Kb / 4P
Singleturn absolute encoder
More results

Similar Description - ESS58-TZ

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASS58-K PF-ASS58-K Datasheet
392Kb / 6P
Singleturn absolute encoder
AVS58-H PF-AVS58-H Datasheet
467Kb / 8P
Singleturn absolute encoder
AVS58-K PF-AVS58-K Datasheet
412Kb / 8P
Singleturn absolute encoder
BVS58 PF-BVS58 Datasheet
295Kb / 4P
Singleturn absolute encoder
CVS78E PF-CVS78E Datasheet
572Kb / 6P
Singleturn absolute encoder
DSS58 PF-DSS58 Datasheet
326Kb / 4P
Singleturn absolute encoder
EVS58-IZ PF-EVS58-IZ Datasheet
411Kb / 5P
Singleturn absolute encoder
EVS58-TZ PF-EVS58-TZ Datasheet
379Kb / 6P
Singleturn absolute encoder
EVS78E-P PF-EVS78E-P Datasheet
503Kb / 4P
Singleturn absolute encoder
FSS58 PF-FSS58 Datasheet
276Kb / 5P
Singleturn absolute encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com