Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06161908 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 06161908
Description  Self-extinguishing.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

06161908 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  06161908 Datasheet HTML 1Page - TE Connectivity Ltd 06161908 Datasheet HTML 2Page - TE Connectivity Ltd 06161908 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TE Document:
TTDS-026
Issue:
2
Date:
March 2014
©2014 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
| Indicates Change
Class I Data Classification - See Policy TEC-02-04
Page 2 of 3
Z-Type Markers
AVAILABLE FORMATS
CHEVRON CUT
STRAIGHT CUT
MARKER
LENGTH
140.0°
MARKER DETAIL
0.25mm nominal
thickness
100mm nominal
4°
APPLICATOR DETAIL
ORDERING INFORMATION
Order Code
Straight cut
Order Code
Chevron cut
Marker
size
Recommended cable
diameter
mm
inches
Marker length
mm
inches
Applicator
size code
Pack
Quantity
Applicator order
code
0580
1151
5
1.5
– 2.0
0.06
– 0.08
4.5
0.177
-
1000
-
0581
1152
7
2.0
– 3.2
0.08
– 0.13
4.5
0.177
1
1000
12510000
0615
1153
9
2.5
– 4.0
0.10
– 0.16
4.5
0.177
2
1000
12520000
0616
1154
11
2.9
– 4.7
0.11
– 0.19
4.5
0.177
3
1000
12530000
0617
1155
13
3.4
– 5.7
0.13
– 0.22
4.5
0.177
4
1000
12540000
0618
1156
15
3.8
– 6.3
0.15
– 0.25
4.5
0.177
5
1000
12550000
0620
1157
18
4.3
– 6.9
0.17
– 0.27
4.5
0.177
6
500
12560000
0622
1158
23
5.5 - 8.9
0.22 - 0.35
6.0
0.236
-
500
-
0624
1159
35
7.9 - 12.7
0.31 - 0.50
6.0
0.236
-
250
-
PACKAGING CODE
1
Box
3
Reel
PACKAGING OPTIONS (CHEVRON AND STRAIGHT CUT)
White marker with black legend
Boxes, reels
Yellow marker with black legend
Reels
Color coded
Boxes
COLOR CODE
Code
Marker color
Ink color
Code
Marker color
Ink color
Code
Marker color
Ink color
0
Black
White
4
Yellow
Black
8
Grey
Black
1
Brown
White
5
Green
Black
9
White
Black
2
Red
Black
6
Blue
Black
3
Orange
Black
7
Violet
Black



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com