Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06161908 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 06161908
Description  Self-extinguishing.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

06161908 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  06161908 Datasheet HTML 1Page - TE Connectivity Ltd 06161908 Datasheet HTML 2Page - TE Connectivity Ltd 06161908 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TE Document:
TTDS-026
Issue:
2
Date:
March 2014
©2014 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
| Indicates Change
Class I Data Classification - See Policy TEC-02-04
Page 1 of 3
Z-Type Markers
Z-Type markers are individual push-on markers used to identify
wires and small cables permanently. The markers are manufactured
using PVC and designed with an expanding profile, enabling each
marker to accommodate a wide range of wire/cable sizes.
Z-Type markers are a simple, cost-effective solution for many
commercial wire identification applications. The markers are supplied
either straight cut or chevron cut. The chevron cut option ensures
the markers remain aligned. Standard Z-Type markers are yellow or
white with black legends and can be supplied as loose pieces
packed in boxes, or on reels. Color coded markers are also
available. Suitable for industrial applications.
KEY FEATURES
TEMPERATURE RATING
Self-extinguishing.
Operating Temperature Range -45°C to 70°C (-40°F to 158°F)
Resistant to key Industrial fluids, including
those used in Mass transit, Aviation and
Military (defined by RW-2535).
ENVIRONMENTAL
Nine sizes covering wire diameters from
1.5mm to 12.7mm (0.06 inches to 0.5
inches).
Information and a downloadable declaration covering RoHS and
REACH compliance can be found at the ‘TE Product Compliance
Support Centre’:
APPLICATIONS
http://www.te.com/en/resources/product-compliance.html
Pre-termination cable identification.
SPECIFICATIONS / APPROVALS
Identification of small wires and cables.
TE Connectivity Standard
Applicator wands available for easy marker
installation.
RW-2535
Electrical and Electronic Equipment,
Industrial
Industrial
PART DESCRIPTION
BS 6746C:1993 Colour chart for insulation and sheath of
electric cables
IEC 60304 Standard Colours for Insulation for Low
Frequency Cables and Wires
0616 1
4
00
Legend code
Color code
Packaging Code
Product size code
Where possible, TE have tested product as a finished item, including the print. Operational tests are followed by an
assessment of mark adherence to validate fit form and function. Further details can be found in TE standard RW-2535.


Similar Part No. - 06161908

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
06161908 MACOM-06161908 Datasheet
5Mb / 85P
tyco electronics contents
More results

Similar Description - 06161908

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-3220 ALCOA-99-3220 Datasheet
105Kb / 2P
Non-self-releasing; Self-ejecting
99-3206 ALCOA-99-3206 Datasheet
200Kb / 2P
Non-self-releasing; Self-ejecting
99-3201 ALCOA-99-3201 Datasheet
567Kb / 2P
Non-self-releasing; Self-ejecting
99-3003 ALCOA-99-3003 Datasheet
157Kb / 2P
Non-self-releasing; Self-ejecting
99-1000 ALCOA-99-1000 Datasheet
150Kb / 2P
Non Self-releasing, Self-ejecting
99-999 ALCOA-99-999 Datasheet
162Kb / 2P
Non Self-releasing; Self-ejecting
logo
Molex Electronics Ltd.
130136-0070 MOLEX11-130136-0070 Datasheet
57Kb / 1P
Safeway Multiple Outlet Box, Rigid, Self-Extinguishing Vinyl
130138-0072 MOLEX11-130138-0072 Datasheet
57Kb / 1P
Safeway Multiple Outlet Box, Rigid, Self-Extinguishing Vinyl,
130138-0075 MOLEX11-130138-0075 Datasheet
57Kb / 1P
Safeway Multiple Outlet Box, Rigid, Self-Extinguishing Vinyl, Nylon Cover, Box only
logo
3M Electronics
3748VO 3M-3748VO Datasheet
142Kb / 6P
3M™ Self-Extinguishing Hot Melt Adhesive 3748 VO
Feb-2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com