Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTYB Datasheet(PDF) 7 Page - Linear Technology

Part # LTYB
Description  100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTYB Datasheet(HTML) 7 Page - Linear Technology

Back Button LTYB Datasheet HTML 3Page - Linear Technology LTYB Datasheet HTML 4Page - Linear Technology LTYB Datasheet HTML 5Page - Linear Technology LTYB Datasheet HTML 6Page - Linear Technology LTYB Datasheet HTML 7Page - Linear Technology LTYB Datasheet HTML 8Page - Linear Technology LTYB Datasheet HTML 9Page - Linear Technology LTYB Datasheet HTML 10Page - Linear Technology LTYB Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC1983-3/LTC1983-5
7
sn1983 1983fs
There are many aspects of the capacitors that must be
taken into account. First, the temperature stability of the
dielectric is a main concern. For ceramic capacitors, a
three character code specifies the temperature stability
(e.g. X7R, Y5V, etc.). The first two characters represent
the temperature range that the capacitor is specified and
the third represents the absolute tolerance that the ca-
pacitor is specified to over that temperature range. The
ceramic capacitor used for the flying and output capaci-
tors should be X5R or better. Second, the voltage coef-
ficient of capacitance for the capacitor must be checked
and the actual value usually needs to be derated for the
operating voltage (the actual value has to be larger than
the value needed to take into account the loss of capaci-
tance due to voltage bias across the capacitor). Third, the
frequency characteristics need to be taken into account
because capacitance goes down as the frequency of
oscillation goes up. Typically, the manufacturers have
capacitance vs frequency curves for their products. This
curve must be referenced to be sure the capacitance will
not be too small for the application. Finally, the capacitor
ESR and ESL must be low for reasons mentioned in the
following section.
Output Ripple
Normal LTC1983 operation produces voltage ripple on the
VOUT pin. Output voltage ripple is required for the LTC1983
to regulate. Low frequency ripple exists due to the hyster-
esis in the sense comparator and propagation delays in the
charge pump enable/disable circuits. High frequency ripple
is also present mainly due to ESR of the output capacitor.
Typical output ripple under maximum load is 60mVP-P
with a low ESR 10
µF output capacitor. The magnitude of
the ripple voltage depends on several factors. High input
voltage to negative output voltage differentials [(VIN +
VOUT) >1V] increase the output ripple since more charge
is delivered to COUT per clock cycle. A large flying capacitor
(>1
µF) also increases ripple for the same reason. Large
output current load and/or a small output capacitor (<10
µF)
results in higher ripple due to higher output voltage dV/dt.
High ESR capacitors (ESR > 0.1
Ω) on the output pin cause
high frequency voltage spikes on VOUT with every clock
cycle.
There are several ways to reduce the output voltage ripple.
A larger COUT capacitor (22µF or greater) will reduce both
the low and high frequency ripple due to the lower COUT
charging and discharging dV/dt and the lower ESR typi-
cally found with higher value (larger case size) capacitors.
A low ESR ceramic output capacitor will minimize the high
frequency ripple, but will not reduce the low frequency
ripple unless a high capacitance value is chosen. A reason-
able compromise is to use a 10
µF to 22µF tantalum
capacitor in parallel with a 1
µF to 4.7µF ceramic capacitor
on VOUT to reduce both the low and high frequency ripple.
However, the best solution is to use 10
µF to 22µF, X5R
ceramic capacitors which are available in 1206 package
sizes. An RC filter may also be used to reduce high
frequency voltage spikes (see Figure 1).
In low load or high VIN applications, smaller values for
CFLY may be used to reduce output ripple. A smaller flying
capacitor (0.01
µF to 0.047µF) delivers less charge per
clock cycle to the output capacitor resulting in lower
output ripple. However, the smaller value flying caps also
reduce the maximum IOUT capability as well as efficiency.
Figure 1. Output Ripple Reduction Techniques
VOUT
VOUT
LTC1983-X
10
µF
TANTALUM
10
µF
TANTALUM
VOUT
VOUT
LTC1983-X
15
µF
TANTALUM
1
µF
CERAMIC
3.9
Ω
1983 F01
OPERATIO
(Refer to Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com