Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTYB Datasheet(PDF) 5 Page - Linear Technology

Part # LTYB
Description  100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTYB Datasheet(HTML) 5 Page - Linear Technology

  LTYB Datasheet HTML 1Page - Linear Technology LTYB Datasheet HTML 2Page - Linear Technology LTYB Datasheet HTML 3Page - Linear Technology LTYB Datasheet HTML 4Page - Linear Technology LTYB Datasheet HTML 5Page - Linear Technology LTYB Datasheet HTML 6Page - Linear Technology LTYB Datasheet HTML 7Page - Linear Technology LTYB Datasheet HTML 8Page - Linear Technology LTYB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC1983-3/LTC1983-5
5
sn1983 1983fs
PI FU CTIO S
VIN (Pin 1): Charge Pump Input Voltage. May be between
2.3V and 5.5V. VIN should be bypassed with a ≥4.7µF low
ESR capacitor as close as possible to the pin for best
performance.
VOUT (Pin 2): Regulated Output Voltage for the IC. VOUT
should be bypassed with a
≥4.7µF low ESR capacitor as
close as possible to the pin for best performance.
C+ (Pin 3): Charge Pump Flying Capacitor Positive Termi-
nal. This node is switched between VIN and GND (It is
connected to VCC during shutdown).
C– (Pin 4): Charge Pump Flying Capacitor Negative Termi-
nal. This node is switched between GND and VOUT (It is
connected to GND during shutdown).
GND (Pin 5): Signal and Power Ground for the 6-Pin
SOT-23 package. This pin should be tied to a ground plane
for best performance.
SHDN (Pin 6): Shutdown. Grounding this pin shuts down
the IC. Tie to VIN to enable. This pin should not be pulled
above the VIN voltage or below GND.
BLOCK DIAGRA
CONTROL
LOGIC
CLOCK2
CLOCK1
S1A
S2A
S1B
S2B
VREF
CHARGE PUMP
SHDN
VIN
CIN
10
µF
CFLY
1
µF
COUT
10
µF
LTC1983-X
C+
C–
VOUT
COMP1
1
µA
1983 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com