Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z300AVMQ1F Datasheet(PDF) 7 Page - STMicroelectronics

Part # M40Z300AVMQ1F
Description  3V NVRAM Supervisor for Up to 8 LPSRAMs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300AVMQ1F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M40Z300AVMQ1F Datasheet HTML 3Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 4Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 5Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 6Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 7Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 8Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 9Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 10Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
M40Z300AV
Data Retention Lifetime Calculation
Most low power SRAMs on the market today can
be used with the M40Z300AV NVRAM SUPERVI-
SOR. There are, however some criteria which
should be used in making the final choice of which
SRAM to use. The SRAM must be designed in a
way where the chip enable input disables all other
inputs to the SRAM. This allows inputs to the
M40Z300AV and SRAMs to be “Don't care” once
VCC falls below VPFD(min). The SRAM should also
guarantee data retention down to VCC = 2.0V. The
chip enable access time must be sufficient to meet
the system needs with the chip enable propaga-
tion delays included. If the SRAM includes a sec-
ond chip enable pin (E2), this pin should be tied to
VOUT.
If data retention lifetime is a critical parameter for
the system, it is important to review the data reten-
tion
current
specifications
for
the
particular
SRAMs being evaluated. Most SRAMs specify a
data retention current at 3.0V. Manufacturers gen-
erally specify a typical condition for room temper-
ature along with a worst case condition (generally
at elevated temperatures). The system level re-
quirements will determine the choice of which val-
ue to use.
The data retention current value of the SRAMs can
then be added to the IBAT value of the M40Z300AV
to determine the total current requirements for
data retention. The available battery capacity for
the SNAPHAT® of your choice can then be divided
by this current to determine the amount of data re-
tention available (see Table 13., page 18).
CAUTION: Take care to avoid inadvertent dis-
charge through VOUT and E1CON - E4CON after
battery has been attached.
For a further more detailed review of lifetime calcu-
lations, please see Application Note AN1012.
Power-on Reset Output
All microprocessors have a reset input which forc-
es them to a known state when starting. The
M40Z300AV has a reset output (RST) pin which is
guaranteed to be low within tWPT of VPFD (see Ta-
ble 7., page 13). This signal is an open drain con-
figuration. An appropriate pull-up resistor should
be chosen to control the rise time. This signal will
be valid for all voltage conditions, even when VCC
equals VSS.
Once VCC exceeds the power failure detect volt-
age VPFD, an internal timer keeps RST low for
tREC to allow the power supply to stabilize.
Battery Low Pin
The M40Z300AV automatically performs battery
voltage monitoring upon power-up, and at factory-
programmed time intervals of at least 24 hours.
The Battery Low (BL) pin will be asserted if the
battery voltage is found to be less than approxi-
mately 2.5V. The BL pin will remain asserted until
completion of battery replacement and subse-
quent battery low monitoring tests, either during
the next power-up sequence or the next scheduled
24-hour interval.
If a battery low is generated during a power-up se-
quence, this indicates that the battery is below
2.5V and may not be able to maintain data integrity
in the SRAM. Data should be considered suspect,
and verified as correct. A fresh battery should be
installed.
If a battery low indication is generated during the
24-hour interval check, this indicates that the bat-
tery is near end of life. However, data is not com-
promised due to the fact that a nominal VCC is
supplied. In order to insure data integrity during
subsequent periods of battery back-up mode, the
battery should be replaced. The SNAPHAT® top
should be replaced with valid VCC applied to the
device.
The M40Z300AV only monitors the battery when a
nominal VCC is applied to the device. Thus appli-
cations which require extensive durations in the
battery back-up mode should be powered-up peri-
odically (at least once every few months) in order
for this technique to be beneficial. Additionally, if a
battery low is indicated, data integrity should be
verified upon power-up via a checksum or other
technique. The BL pin is an open drain output and
an appropriate pull-up resistor to VCC should be
chosen to control the rise time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com