Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z300AVMQ1F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M40Z300AVMQ1F
Description  3V NVRAM Supervisor for Up to 8 LPSRAMs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300AVMQ1F Datasheet(HTML) 1 Page - STMicroelectronics

  M40Z300AVMQ1F Datasheet HTML 1Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 2Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 3Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 4Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 5Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 6Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 7Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 8Page - STMicroelectronics M40Z300AVMQ1F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
March 2004
M40Z300AV
3V NVRAM Supervisor for Up to 8 LPSRAMs
FEATURES SUMMARY
■
CONVERTS LOW POWER SRAM INTO
NVRAMs
■
PRECISION POWER MONITORING AND
POWER SWITCHING CIRCUITRY
■
AUTOMATIC WRITE-PROTECTION WHEN
VCC IS OUT-OF-TOLERANCE
■
TWO-INPUT DECODER ALLOWS
CONTROL FOR UP TO 8 SRAMs (with 2
devices active in parallel)
■
SUPPLY VOLTAGE AND POWER-FAIL
DESELECT VOLTAGE:
–
M40Z300AV:
VCC = 3.0V to 3.6V
THS = VSS: 2.8V ≤ VPFD ≤ 3.0V
■
RESET OUTPUT (RST) FOR POWER ON
RESET
■
BATTERY LOW PIN (BL)
■
LESS THAN 20ns CHIP ENABLE ACCESS
PROPAGATION DELAY
■
PACKAGING INCLUDES A 16-LEAD SOIC
OR A 28-LEAD SOIC AND SNAPHAT® TOP
(to be ordered separately)
■
SOIC PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT TOP
WHICH CONTAINS THE BATTERY
Figure 1. 16-pin SOIC Package
Figure 2. 28-pin SOIC Package*
16
1
SO16 (MQ)
28
1
SOH28 (MH)
SNAPHAT (SH)
Crystal/Battery


Similar Part No. - M40Z300AVMQ1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
NVRAM CONTROLLER for up to EIGHT LPSRAM
08-Mar-2000
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
348Kb / 21P
5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
Feb-2005
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
221Kb / 25P
5V or 3V NVRAM supervisor for up to 8 LPSRAMs
05-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
431Kb / 25P
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
19-Oct-2010
M40Z300MH STMICROELECTRONICS-M40Z300MH Datasheet
128Kb / 16P
NVRAM CONTROLLER for up to EIGHT LPSRAM
08-Mar-2000
More results

Similar Description - M40Z300AVMQ1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
5V or 3V NVRAM SUPERVISOR FOR LPSRAM
Rev. 1.3
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
13-May-2002
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
NVRAM CONTROLLER for up to EIGHT LPSRAM
08-Mar-2000
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
Feb-2005
STM706T STMICROELECTRONICS-STM706T Datasheet
468Kb / 26P
3V Supervisor
Feb-2005
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
5V or 3V NVRAM supervisor for LPSRAM
20-Nov-2007
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
5V or 3V NVRAM supervisor for up to two LPSRAMs
12-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
5V or 3V NVRAM supervisor for up to 8 LPSRAMs
05-Nov-2007
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
19-Oct-2010
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
5 V or 3 V NVRAM supervisor for LPSRAM
25-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com