Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND027SW Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TND027SW
Description  Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND027SW Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TND027SW Datasheet HTML 1Page - Sanyo Semicon Device TND027SW Datasheet HTML 2Page - Sanyo Semicon Device TND027SW Datasheet HTML 3Page - Sanyo Semicon Device TND027SW Datasheet HTML 4Page - Sanyo Semicon Device TND027SW Datasheet HTML 5Page - Sanyo Semicon Device TND027SW Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TND027SW, 027TD
No.7437-1/6
Features
•
N-channel MOSFET built in.
•
Overheat protection. (Self recovery type)
•
Overcurrent protection. (Self recovery type current limiting function)
•
Overvoltage protection.
•
Incorporates two sets of circuit.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDS
60
V
Output Current
IO(DC)
1.5
A
Input Voltage
VIN
--0.3 to +10
V
TND027SW
1.3
W
Mounted on a ceramic board (1200mm2!0.8mm)1unit
TND027SW
1.7
W
Allowable Power Dissipation
PD
Mounted on a ceramic board (1200mm2!0.8mm)
TND027TD
0.8
W
Mounted on a ceramic board (1000mm2!0.8mm)1unit
TND027TD
1.3
W
Mounted on a ceramic board (1000mm2!0.8mm)
Operating Supply Voltage
VDS(opr)
40
V
Operating Temperature
Topr
--40 to +85
°C
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Ordering number : ENN7437A
O2203 TS IM / 51503 TS IM TA-100479
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
TND027SW
TND027TD
ExPD(Excellent Power Device)
Lowside Power Switch Lamp-, Solenoid-,
and Motor-Driving Applications


Similar Part No. - TND027SW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND027SW SANYO-TND027SW Datasheet
387Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
logo
ON Semiconductor
TND027SW ONSEMI-TND027SW Datasheet
355Kb / 9P
Excellent Power Device
August, 2013
logo
Sanyo Semicon Device
TND027SW SANYO-TND027SW_11 Datasheet
387Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
More results

Similar Description - TND027SW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND017MP SANYO-TND017MP Datasheet
51Kb / 5P
Lowside Power Switch Lamp, Solenoid, and Motor-Driving Applications
TND020F SANYO-TND020F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND022F SANYO-TND022F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND023F SANYO-TND023F Datasheet
46Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND024F SANYO-TND024F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND012NM SANYO-TND012NM Datasheet
41Kb / 4P
Lamp, solenoid, and motor-driving Applications
TND027MP SANYO-TND027MP Datasheet
33Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND017MP SANYO-TND017MP_07 Datasheet
78Kb / 6P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027MP SANYO-TND027MP_08 Datasheet
58Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW_11 Datasheet
387Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com