Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND027SW Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TND027SW
Description  Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND027SW Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TND027SW Datasheet HTML 1Page - Sanyo Semicon Device TND027SW Datasheet HTML 2Page - Sanyo Semicon Device TND027SW Datasheet HTML 3Page - Sanyo Semicon Device TND027SW Datasheet HTML 4Page - Sanyo Semicon Device TND027SW Datasheet HTML 5Page - Sanyo Semicon Device TND027SW Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TND027SW, 027TD
No.7437-2/6
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Clamp Voltage
VDS, clamp
VIN=0, IO=1mA
60
V
Output-OFF Current
IDSS(1)
VIN=0, VDS=50V
10
µA
IDSS(2)
VIN=0, VDS=12V
5
µA
Input Threshold Voltage
VIN(th)
VDS=5V, IO=1mA
1.0
1.5
2.0
V
Protection Circuit Operating Input Voltage
VIN(opr)
4
10
V
Drain-to-Source ON Resistance
RDS(on)
VIN=5V, IO=1A
0.3
0.4
Ω
Input Current (Output On)
IIN
VIN=5V
0.6
mA
Over-Heat Detecting Temperature
Tj(sd)
VIN=5V, IO=1A
120
150
190
°C
Over-Current Detecting Current
Is
VIN=5V
3.0
6.0
9.0
A
Over-Current Limit (Peak)
ILMT
VIN=5V
3.0
6.0
9.0
A
Input Clamp Voltage
VIN, clamp
IIN=1mA
10
V
Notes : 1. Overcurrent protection circuit limits the output current to the range of overcurrent limit value.
2. During overheat protecting operation, output current is turned off.
Package Dimensions
Package Dimensions
unit : mm
unit : mm
2181 [TND027SW]
2219 [TND027TD]
Block Diagram
IN
GND(S)
OUT(D)
Overvoltage
protective circuit
Overcurrent
protective
circuit
Output current
control
Overheat
protective
circuit
ESD
protective
circuit
Gate
shutdown
circuit
14
5
8
0.2
5.0
0.595
1.27
0.43
1 : GND1
2 : IN1
3 : GND2
4 : IN2
5 : OUT2
6 : OUT2
7 : OUT1
8 : OUT1
SANYO : SOP8
1 : OUT1
2 : GND1
3 : GND1
4 : IN1
5 : IN2
6 : GND2
7 : GND2
8 : OUT2
SANYO : TSSOP8
3.0
0.425
0.65
0.125
85
14
0.25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com