Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM4501 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFFM4501
Description  3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM4501 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFFM4501 Datasheet HTML 1Page - Qorvo, Inc RFFM4501 Datasheet HTML 2Page - Qorvo, Inc RFFM4501 Datasheet HTML 3Page - Qorvo, Inc RFFM4501 Datasheet HTML 4Page - Qorvo, Inc RFFM4501 Datasheet HTML 5Page - Qorvo, Inc RFFM4501 Datasheet HTML 6Page - Qorvo, Inc RFFM4501 Datasheet HTML 7Page - Qorvo, Inc RFFM4501 Datasheet HTML 8Page - Qorvo, Inc RFFM4501 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
RX
GND
N/C
VCC
VDD
3
1
12
2
13
11
10
9
8
7
6
5
4
14
15
16
GND
GND
VCC
2fo
RFFM4501
3.0V TO 5.0V, 4.9GHz TO 5.85GHz
802.11a/n/ac FRONT END MODULE
The RFFM4501 provides a complete integrated solution in a single front
end module (FEM) for WiFi 802.11a/n/ac systems. The ultra-small form
factor and integrated matching minimizes the layout area in the cus-
tomer's application and greatly reduces the number of external compo-
nents. This simplifies the total front end solution by reducing the bill
of materials, system footprint, and manufacturability cost. The RFFM4501
integrates a power amplifier (PA), single pole double throw switch (SPDT),
LNA with bypass, and a power detector coupler for improved accuracy.
The device is provided in a 3mm x 3mm x 1.05mm, 16-pin laminate pack-
age. This module meets or exceeds the RF front end needs of IEEE
802.11a/n/ac WiFi RF systems.
Features
Integrated 4.9GHz to
5.85GHz Amplifier, SPDT
TX/RX Switch, LNA with
Bypass, and Power Detector
Coupler
POUT = 21dBm, 11a/n, 5V
2.5% Dynamic EVM
POUT = 17dBm, 11a/n, 3.3V
2.5% Dynamic EVM
POUT = 16dBm, 11ac HT80
MCS9, 3.3V, 1.8% Dynamic
EVM
POUT = 18dBm, 11ac HT80
MCS9 5.0V, 1.8% Dynamic
EVM
Applications
IEEE802.11a/n/ac WiFi
Applications
4.9GHz to 5.85GHz ISM Band
Applications
Portable Battery-Powered
Equipment
WiFi Access Points, Gateways
and Set Top Boxes
RFFM4501PCK-410
RFFM4501 Eval Board with 5-piece bag
RFFM4501SB
5-Piece bag
RFFM4501SR
100-Piece reel
RFFM4501TR7
2500-Piece reel
RFFM4501SQ
25-Piece bag
DS130510
Package: Laminate, 16-pin, 3.0mm x 3.0mm x 1.05mm


Similar Part No. - RFFM4501

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501 RFMD-RFFM4501 Datasheet
662Kb / 11P
3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM4501E RFMD-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
RF Micro Devices
RFFM4501EPCK-410 RFMD-RFFM4501EPCK-410 Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
Qorvo, Inc
RFFM4501EPCK-410 QORVO-RFFM4501EPCK-410 Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results

Similar Description - RFFM4501

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501 RFMD-RFFM4501 Datasheet
662Kb / 11P
3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM4501E RFMD-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM4591 QORVO-RFFM4591 Datasheet
574Kb / 8P
3.0V TO TO 3.6V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com