Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM4501 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFFM4501
Description  3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM4501 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFFM4501 Datasheet HTML 1Page - Qorvo, Inc RFFM4501 Datasheet HTML 2Page - Qorvo, Inc RFFM4501 Datasheet HTML 3Page - Qorvo, Inc RFFM4501 Datasheet HTML 4Page - Qorvo, Inc RFFM4501 Datasheet HTML 5Page - Qorvo, Inc RFFM4501 Datasheet HTML 6Page - Qorvo, Inc RFFM4501 Datasheet HTML 7Page - Qorvo, Inc RFFM4501 Datasheet HTML 8Page - Qorvo, Inc RFFM4501 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RFFM4501
DS130510
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General Tx Performance (continued)
Input Return Loss - TX_IN pin
-15
-7
dB
In specified frequency band
Output Return Loss at ANT pin
-15
-10
dB
Operating Current
225
250
mA
POUT = 17dBm
220
mA
POUT = 16dBm
Quiescent Current
175
190
mA
Nominal Conditions. No RF applied
Leakage Current
10
μAVCC = 3.3V, LNA_EN = low, C_RX = low,
PA_EN = low, temperature = 25°C
VCONTROL High (PA_EN, C_RX, and LNA_EN) for
both TX and RX modes
2.8
2.9
VCC
V
VCONTROL Low (PA_EN, C_RX, and LNA_EN) for
both TX and RX modes
0
0.2
V
Turn-on time from PA_EN edge
500
ns
Output stable to within 90% of final gain
Turn-off time from PA_EN edge
500
ns
Stability
-25
24
dBm
No spurs above -47dBm into 4:1 VSWR
CW P1dB
24
25
dBm
Tx mode in 50% Duty Cycle
Rx Performance
Temperature = -10°C to +70°C, VDD = 3.3V,
C_RX = high, LNA_EN = high
Gain
11
12.5
13
dB
Temperature = 25°C
Gain Over Operating Temperature Range
9
12.5
14
dBm
Temperature = -10°C to +70°C
Gain - Extended
8
12.5
16
dB
Temperature = -40°C to +85°C
NF
2.5
3.5
dB
In specified frequency band
Rx Port Return Loss
-7
dB
ANT Port Return Loss
-10
-5
dB
Input IP3
-3
0
dBm
Input P1dB
-13
-10
dBm
IDD
13
17
mA
LNA_EN Control Current
30
50
μA
Rx Bypass Mode
Temperature = -10°C to +70°C, VDD = 3.3V,
C_RX = high, LNA_EN = low
Insertion Loss
-10
-8
-6
dB
Rx Port Return Loss
-7
dB
ANT Port Return Loss
-6
dB
Input IP3
15
20
dBm
Input P1dB
5
10
dBm
Isolation
ANT-TX; Rx Mode
20
dB
C_RX = High, PA_EN = Low
ANT-RX; Tx Mode
25
dB
PA_EN = High, C_RX = Low, LNA_EN = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com