Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVBA0ES Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPF7100BVBA0ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA0ES Datasheet(HTML) 2 Page - NXP Semiconductors

  MPF7100BVBA0ES Datasheet HTML 1Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 2Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 3Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 4Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 5Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 6Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
2 / 125
aaa-034369
VIN:
2.7 V to 5.5 V
PF7100
i.MX8xXL
VSNVS1
(3.0 V @ 10 mA)
VDD_SNVS_3P0
VDD_MAIN
BUCK1
(1.0 V @ 2.5 A)
BUCK2
(1.0 V/1.1 V @ 2.5 A)
VDD_DDR_VDDQ
BUCK4
(1.1 V/1.35 V @ 2.5 A)
VDD_1P8
BUCK5
(1.8 V @ 2.5 A)
VDD_ANA_1P8
LDO1
(1.6 V/1.8 V @ 0.4 A)
VDD_SD
DDR memory
LDO2
(3.3 V @ 0.4 A)
BUCK3 (VTT)
(1.2 V @ 2.5 A)
VSNVS2
(1.8 V @ 10 mA)
VDD_MEMC
SAF5400
GPIO_VDD_1V8
VDDA_1V6
VDDC_1V2
Figure 2. Simplified application diagram with SAF5400 DSRC (V2X) modem
4 Ordering information
Table 1. Device information
Type
Package
Name
Description
Version
PF7100
(automotive and industrial) HVQFN48
HVQFN48, plastic, thermally enhanced very thin quad; flat non-leaded
package, dimple wettable flanks; 48 pins; 0.5 mm pitch; 7 mm x 7 mm
x 0.85 mm body
SOT619-27(D)
Table 2. Ordering information
Part number [1]
Target
market
Process
or
System comments
AEC-Q100
grade [2]
Safety grade
OTP ID
MPF7100BMBA0ES
Automotive
—
OTP not programmed
1
ASIL B
A0
MPF7100BVBA0ES
Automotive
—
OTP not programmed
2
ASIL B
A0
MPF7100BMMA0ES
Automotive
—
OTP not programmed
1
QM
A0
MPF7100BVMA0ES
Automotive
Industrial
—
OTP not programmed
2
QM
A0
MPF7100BVBA1ES
Automotive
I.MX8XL
LPDDR4 memory
2
ASIL B
http://www.nxp.com/MPF7100BVBA1ES-OTP-Report
MPF7100BVMA1ES
Automotive
Industrial
I.MX8XL
LPDDR4 memory
2
QM
http://www.nxp.com/MPF7100BVMA1ES-OTP-Report
MPF7100BVBA2ES
Automotive
I.MX8XL
DDR3L memory
2
ASIL B
http://www.nxp.com/MPF7100BVBA2ES-OTP-Report
MPF7100BVMA2ES
Automotive
Industrial
I.MX8XL
DDR3L memory
2
QM
http://www.nxp.com/MPF7100BVMA2ES-OTP-Report
MPF7100BVBA3ES
Automotive
i.MX8DXP
i.MX8DX
LPDDR4 memory
2
ASIL B
http://www.nxp.com/MPF7100BVBA3ES-OTP-Report
MPF7100BVMA3ES
Automotive
Industrial
i.MX8DXP
i.MX8DX
LPDDR4 memory
2
QM
http://www.nxp.com/MPF7100BVMA3ES-OTP-Report
MPF7100BVBA4ES
Automotive
i.MX8DXP
i.MX8DX
DDR3L memory
2
ASIL B
http://www.nxp.com/MPF7100BVBA4ES-OTP-Report
MPF7100BVMA4ES
Automotive
Industrial
i.MX8DXP
i.MX8DX
DDR3L memory
2
QM
http://www.nxp.com/MPF7100BVMA4ES-OTP-Report



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com