Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF7100BVBA0ES Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MPF7100BVBA0ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA0ES Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MPF7100BVBA0ES Datasheet HTML 66Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 67Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 68Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 69Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 70Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 71Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 72Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 73Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
70 / 125
Table 54. SW5 current limit selection
SW5ILIM[1:0]
Typical current limit
00
2.1 A
01
2.6 A
10
3.0 A
11
4.5 A
The current limit specification is given with respect to the inductor peak current. To
calculate the DC current at which the buck regulator enters into current limitation, it is
necessary to calculate the inductor ripple current. An ideal approximation is enough to
obtain the ripple current as follows:
ΔiL = VOUT × (1 − VOUT/VIN)/(L × FSW)
L is the inductance value and FSW is the selected switching frequency.
The DC current limit is then calculated by:
DC ILIM = ILIM − (ΔiL / 2)
In order to account for component tolerances, use the minimum inductor value per the
inductor specification.
Regulator SW5 uses 3 bits (SW5PHASE[2:0]) to control the phase shift of the switching
frequency. The SW5 switching phase is loaded from the OTP_SW5PHASE[2:0] registers
at power up, it can be modified during the system-on states.
Table 55. SW5 phase configuration
SW5_PHASE[2:0]
Phase shift (degrees)
000
45
001
90
010
135
011
180
100
225
101
270
110
315
111
0
SW5 buck regulator provides two OTP bits to configure the value of the inductor used in
the power stage. The OTP_SW5_LSELECT[1:0] allow to choose the inductor as shown
in the following table.
Table 56. SW5 inductor selection bits
OTP_SW5_LSELECT[1:0]
Inductor value
00
1.0 µH
01
0.47 µH
10
1.5 µH
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com