Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-61006 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PE-61006
Description  GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-61006 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PE-61006 Datasheet HTML 1Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 2Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 3Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 4Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 5Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 6Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 7Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
12220 WORLD TRADE DRIVE, SAN DIEGO, CALIFORNIA 92128 • TEL 619-674-8100 • FAX 619-674-8262 • http://
G008.B (2/01)
4
.100
TYP
2,54
.300
7,62
.415
10,54
DATE CODE
CNTRY OF ORIGIN
PE-XXXXSM
300
7,62
.200
5,08
.018/.020
0,46/0,51
.290
7,37
.430
10,92
.025
0,64
.070
1,78
.100
2,54
.200
5,08
0°-8°
.040
1,02
SUGGESTED PAD LAYOUT
TYP
.004/0,10
6 SURFACES
.010/.015
0,25/0,38
.018
TYP
0,46
23Z87SM
Date Code
Country of Origin
.230
5,84
.100
2,54
.050
TYP
1,27
.265
6,73
.005/.010
0,13/0,25
0°-8°
.360
9,14
.020
MIN
0,51
.215
5,46
.030
0,76
.260
6,60
.400
10,16
.050
TYP
1,27
.070
1,78
.100
2,54
SUGGESTED PAD LAYOUT
Mechanicals
.018
TYP
0,46
23Z81SM
Date Code Country of Origin
.450
11,43
.050
TYP
1,27
.215
5,46
.005/.010
0,13/0,25
SUGGESTED PAD LAYOUT
.030
0,76
.260
6,60
.400
10,16
.050
TYP
1,27
.070
1,78
.300
7,62
.100
2,54
.265
6,73
0°-8°
.360
9,14
.020
MIN
0,51
.300
7,62
Dimensions:
inches
mm
Unless otherwise specified, all tolerances are ±
.005
0,13
Weight ................... 0.9 grams
Tube .......................... 50/tube
Tape & Reel .............. 750/reel
GENERAL PURPOSE
TRANSFORMERS
2 Watt Pulse, Electrostatically Shielded,
and 500 mW Pulse Transformers
Dimensions:
inches
mm
Unless otherwise specified, all tolerances are ±
.005
0,13
Part
Weight
Tape & Reel
Tube
(Grams)
SM1
0.6
500
65
SM2:
PE-8271M
0.7
500
60
PE-8272M
0.7
500
65
PE-8277M
0.6
500
65
Except
23Z87SM
0.5
750
100
SM3
Dimensions:
inches
mm
Unless otherwise specified,
all tolerances are ±
.010
0,25
23Z87SM
SM1 & SM2
(except 23Z87SM)
U.S: 858 674 8100
••••• U.K: 44 1483 401 700 ••••• France: 33 3 84 35 04 04 ••••• Singapore: 65 287 8998 ••••• Taiwan: 886 2 2698 0228 ••••• http://www.pulseeng.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com