Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-61006 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-61006
Description  GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-61006 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-61006 Datasheet HTML 1Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 2Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 3Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 4Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 5Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 6Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 7Page - Pulse A Technitrol Company PE-61006 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wide range of inductors and turns ratios
Suitable for a variety of applications
High flux density capability
Available in through hole and surface
mount packages
GENERAL PURPOSE
TRANSFORMERS
2 Watt Pulse, Electrostatically Shielded,
500 mW Pulse, RF Pulse, and Control Transformers
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
PE-2227X
1:1
0.5
46
8
26
1.7
1.3
1.4
—
700
TH1
PE-2228X
1:1
1.3
84
30
40
3.0
3.6
3.8
—
700
TH1
PE-2243X
1:1
20.0
250
80
87
10.5
27.0
28.0
—
700
TH1
Turns
Primary
Primary
Rise
PRI/SEC*
Leakage
DCR
DCR
DCR
Schematic/
Part
Ratio
Sine Wave
ET-
Time
Cww
Inductance
Primary
Secondary
Tertiary
Hi-Pot
Package
Number
(±5%)
OCL
Constant
(ns MAX)
(pF MAX)
PRI/SEC
(Ω MAX)
(Ω MAX)
(
Ω MAX)
(Vrms)
Style
(mH MIN)
(V-µs MIN)
(µH MAX)
2 WATT PULSE TRANSFORMERS
1
78
2
2 WINDING
1
78
2 4
2 WINDING
WITH SHIELD
1
28
7
2 WINDING WITH
CT AND SHIELD
46
5
1
58
3 WINDING
2
6 7
1
58
3 WINDING
WITH SHIELD
2
6 7
4
Schematics
TH2
TH5
TH4
TH3
TH1
PE-5154X
1:1
0.2
91
17
2.7
3.1
1.6
1.6
—
700
TH2
PE-5156X
1:1
1.2
77
19
4.1
2.8
1.1
1.1
—
700
TH2
PE-5160X
1:1
10.0
224
200
4.5
22.0
11.0
11.0
—
700
TH2
PE-5158X
1CT:1CT
1.0
77
21
3.2
2.5
1.8
1.8
—
700
TH3
PE-5163X
1CT:1CT
10.0
252
60
2.5
16.7
14.0
14.0
—
700
TH3
*NOTE: for Electrostatically Shielded Transformers, Cww is measured with shield corrected to guard voltage.
ELECTROSTATICALLY SHIELDED TRANSFORMERS
PE-2229X
1:1:1
1.3
91
30
38
3.2
3.6
3.8
3.9
700
TH4
PE-2231X
1:1:1
5.0
196
70
35
13.0
8.8
9.6
11.0
700
TH4
PE-2671X
4:1:4
0.2
53
50
17
5.7
1.2
0.2
1.3
700
TH4
U.S: 858 674 8100
••••• U.K: 44 1483 401 700 ••••• France: 33 3 84 35 04 04 ••••• Singapore: 65 287 8998 ••••• Taiwan: 886 2 2698 0228 ••••• http://www.pulseeng.com
PE-5158X
1CT:1CT
1.0
77
21
3.2
2.5
1.8
1.8
—
700
TH3
PE-5163X
1CT:1CT
10.0
252
60
2.5
16.7
14.0
14.0
—
700
TH3
*NOTE: for Electrostatically Shielded Transformers, Cww is measured with shield corrected to guard voltage.
G008.B (2/01)


Similar Part No. - PE-61006

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-61006 PULSE-PE-61006 Datasheet
224Kb / 8P
2Watt Pulse, Electrostatically Shielded
More results

Similar Description - PE-61006

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
PULSE TRANSFORMERS
logo
List of Unclassifed Man...
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
Pulse Transformers
logo
TALEMA Group. LLC
TRJ-20-6A TALEMA-TRJ-20-6A Datasheet
121Kb / 1P
Pulse Transformers for RF
logo
Datatronic Distribution...
PT10910 DATATRONICS-PT10910 Datasheet
48Kb / 1P
WIDEBAND RF/PULSE TRANSFORMERS
logo
Murata Manufacturing Co...
KMP_786 MURATA-KMP_786 Datasheet
159Kb / 4P
General Purpose Pulse Transformers
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
Pulse Transformers
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
Pulse transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
786 MURATA-PS-786 Datasheet
110Kb / 4P
General Purpose Pulse Transformers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com