Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX20003EVKIT
Description  Forced-PWM or Skip-Mode Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX20003EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MaximIntegrated│ 2
www.maximintegrated.com
Evaluates: MAX20002/MAX20003
MAX20003 Evaluation Kit
Detailed Description of Hardware
The MAX20003 EV kit demonstrates the MAX20003 high-
voltage, high-frequency, step-down converter with low
operating current. The EV kit operates over a wide 3.5V to
36V input range and the output is set for 5V at 3A.
Enable (EN)
Placeashuntinthe1-2positiononjumperJU1fornormal
operation. To place the device into shutdown mode, move
theshuntonJU1tothe2-3position.
Synchronization Input (FSYNC)
The EV kit features jumper JU2 to control the synchro-
nization input (FSYNC). The device synchronizes to an
external signal applied to FSYNC. Connect FSYNC to
AGNDtoenableskip-modeoperation.ConnecttoBIAS
ortoanexternalclocktoenablefixed-frequencyforced-
PWM mode operation.
Touseanexternalclock,uninstalltheshuntonJU2and
apply the signal at the FSYNC test point. The external
clock frequency at FSYNC can be higher or lower than the
internal clock by 20%. Ensure that the duty cycle of the
externalclockusedhasaminimum100nspulsewidth.
Spread-Spectrum Option (SPS)
The EV kit provides jumper JU3 that allows SPS to be
pulled high (VL) or pulled low (PGND). ConnectSPS
high to enable spread spectrum where the operating
frequency is varied ±3% centered on FOSC. Connect
SPS low to disable the spread-spectrum feature.
Setting the Switching Frequency (FOSC)
The EV kit switching frequency is set by a resistor, RFOSC
(R4), connected from FOSC to AGND. Refer to TOC
08 in the Typical Operating Characteristics section in
the MAX20002/MAX20003 IC data sheet for the correct
RFOSC(R4)value.
Power-Good Output (PGOOD)
The EV kit provides a PGOOD test point to monitor the
statusofthedeviceoutput.PGOODassertswhenVOUT
rises above 95% of its regulation voltage. PGOOD
deasserts when VOUT drops below 92.5% of its regulation
voltage.
Output
Connect FB to BIAS for a fixed +5V (EV kit default
output)orafixed+3.3Voutputvoltage.Tosettheoutput
toothervoltagesbetween1Vand10V,connectaresistive
dividerfromoutput(OUT)toFBtoAGND.Usethefollow-
ing formula to determine the R7 and R8 of the resistive
divider network:
OUT
FB
V
R7 R8
1
V
=
×−
where VFB=1V.
Operation at 400kHz Switching Frequency
For 400kHz switching frequency, the following compo-
nents need to be changed to:
● R4=73.2kΩ
● L1=6.8µH(recommendCoilcraftXAL5050-682MEB)
● R1=16.5kΩ
● C10=4,700pF
● C11=6.8pF
Additional capacitance on C7 and C8 may be needed,
depending on transient performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com