Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX20003EVKIT
Description  Forced-PWM or Skip-Mode Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX20003EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX20003EVKIT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MaximIntegrated│ 3
www.maximintegrated.com
Evaluates: MAX20002/MAX20003
MAX20003 Evaluation Kit
*EP = Exposed pad.
Note: Indicate that you are using the MAX20003 when contacting these component suppliers.
DESIGNATION
QTY
DESCRIPTION
C1
1
47µF±20%,50Valuminum
electrolytic capacitor
(8.00mmx6.20mm)
PanasonicEEE-FK1H470P
C2
1
4.7µF±10%,50VX7Rceramic
capacitor(1210)
MurataGCM32ER71H475KA55L
C3, C5
2
0.1µF±10%,50VX7Rceramic
capacitors (0603)
MurataGCM188R71H104KA57D
C4
1
2.2µF±10%,50VX7Rceramic
capacitor (0805)
TDKC2012X7R1H2225K125AC
C6,C14,C15
3
0.1µF±10%,50VX7Rceramic
capacitors(0402)
TDKCGA2B3X7R1H104K050BB
C7, C8
2
22µF±10%,10VX7Rceramic
capacitors(1210)
MurataGCM32ER71A226KE12L
C9
1
2.2µF±10%,10VX7Rceramic
capacitor (0603)
MurataGRM188R71A225K
C10,C16
2
1,000pF±10%,50VX7Rceramic
capacitors(0402)
MurataGRM155R71H102K
C11
1
10pF±5%,50VC0Gceramic
capacitor(0402)
MurataGRM1555C1H100J
C12,C17
0
Not installed, ceramic capacitors
(0402)
DESIGNATION
QTY
DESCRIPTION
C13
0
Not installed, ceramic capacitor
(0603)
JU1–JU3
3
3-pin headers
JU4
1
2-pin header
L1
1
2.2µH,9.2Ainductor
(5.5mmx5.7mm)
Coilcraft XAL5030-222MEB
L2
1
Ferritebead(1206)
Würth742792141
PGND
2
Black test points
PGOOD,SUP,
SUPSW,VOUT
4
Red test points
R1
1
20.0kΩ±1%resistor(0402)
R2,R6,R11
3
0Ω±5%resistors(0402)
R3
1
100kΩ±5%resistor(0402)
R4
1
12.1kΩ±1%resistor(0402)
R5
1
10kΩ±5%resistor(0402)
R7,R8,R10
0
Notinstalled,resistors(0402)
R9
1
0Ω±5%resistors(1210)
U1
1
Automotive buck converter
(20 TQFN-EP*)
MaximMAX20003ATPA/V+
—
4
Shunts
—
1
PCB:MAX20003EVALUATION
KIT
SUPPLIER
PHONE
WEBSITE
Coilcraft Inc.
847-639-6400
www.coilcraft.com
Murata Americas
770-436-1300
www.murataamericas.com
Panasonic Corp.
800-344-2112
www.panasonic.com
WürthElectronikGmbH&Co.KG
201-785-8800
www.we-online.com
Component Suppliers
Component List



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com