Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20002 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20002
Description  Forced-PWM or Skip-Mode Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20002 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20002 Datasheet HTML 1Page - Maxim Integrated Products MAX20002 Datasheet HTML 2Page - Maxim Integrated Products MAX20002 Datasheet HTML 3Page - Maxim Integrated Products MAX20002 Datasheet HTML 4Page - Maxim Integrated Products MAX20002 Datasheet HTML 5Page - Maxim Integrated Products MAX20002 Datasheet HTML 6Page - Maxim Integrated Products MAX20002 Datasheet HTML 7Page - Maxim Integrated Products MAX20002 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluates: MAX20002/MAX20003
MAX20003 Evaluation Kit
General Description
The MAX20003 evaluation kit (EV kit) demonstrates the
MAX20002/MAX20003 high-voltage, current-mode step-
down converters with low operating current. The EV kit
operates over a wide 3.5V to 36V input range and the
output is set for 5V at 3A.
The EV kit comes with the MAX20003ATPA/V+ installed.
Features and Benefits
● Wide 3.5V to 36V Input Supply Range
● Forced-PWM or Skip-Mode Operation
● Programmable Switching Frequency
● Power-Good Output
● Proven PCB Layout
● Fully Assembled and Tested
19-7413; Rev 0; 5/14
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
● MAX20003EVkit
● 14V,2ADCpowersupply
● Electronicloadcapableof3A
● Digitalvoltmeter(DVM)
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation.
Caution: Do not turn on
supplies until all connections are made.
1) VerifythatjumpersJU1–JU4areintheirdefaultposi-
tions,asshowninTables1–4.
2) ConnectthepowersupplybetweentheSUPSWand
nearestPGNDtestpoints.
3) Connectthe3AelectronicloadbetweentheOUTand
nearestPGNDtestpoints.
4) Connect the DVM between the OUT and nearest
PGNDtestpoints.
5) Turn on the power supply.
6) Enable the electronic load.
7) VerifythatthevoltageattheOUTtestpointisapproxi-
mately 5V.
*Default position.
*Default position.
Table 1. EN Configuration (JU1)
Table 2. Mode of Operation (JU2)
Table 3. Spread Spectrum (JU3)
Table 4. PGOOD (JU4)
*Default position.
SHUNT
POSITION
DESCRIPTION
1-2*
ConnectstheENpintothevoltageatSUP
for normal operation
2-3
Connects the EN pin to ground to enter
shutdown mode
SHUNT
POSITION
MODE PIN
MODE
1-2*
Connected to BIAS
Forced-PWM mode
2-3
Connected to
AGND
Skip mode
Not installed
Connected to an
externalclock
Forced-PWM mode
(device syncs to an
externalclock)
SHUNT
POSITION
MODE PIN
MODE
1-2*
Connected to BIAS
Spread-spectrum
enabled
2-3
Connected to
PGND
Spread-spectrum
disabled
SHUNT POSITION
MODE
Installed
PGOODpulledhightoVL
Not installed
PGOODunconnected


Similar Part No. - MAX20002

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
Integrated Step-Down Converters
Rev 1; 5/14
MAX20002 MAXIM-MAX20002 Datasheet
579Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
Rev 5; 4/16
MAX20002 MAXIM-MAX20002 Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
MAX20002ATPA MAXIM-MAX20002ATPA Datasheet
579Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
Rev 5; 4/16
MAX20002ATPA/V+ MAXIM-MAX20002ATPA/V+ Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results

Similar Description - MAX20002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
151Kb / 19P
Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Dialog Semiconductor
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Bel Fuse Inc.
ABC800 BEL-ABC800 Datasheet
1Mb / 13P
Convection or Forced Air Cooling
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Renesas Technology Corp
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com