Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20002 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20002
Description  Forced-PWM or Skip-Mode Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20002 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20002 Datasheet HTML 1Page - Maxim Integrated Products MAX20002 Datasheet HTML 2Page - Maxim Integrated Products MAX20002 Datasheet HTML 3Page - Maxim Integrated Products MAX20002 Datasheet HTML 4Page - Maxim Integrated Products MAX20002 Datasheet HTML 5Page - Maxim Integrated Products MAX20002 Datasheet HTML 6Page - Maxim Integrated Products MAX20002 Datasheet HTML 7Page - Maxim Integrated Products MAX20002 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MaximIntegrated│ 4
www.maximintegrated.com
Evaluates: MAX20002/MAX20003
MAX20003 Evaluation Kit
Figure 1. MAX20003 EV Kit Schematic
MAX20003+
U1
L2*
FERRITE
BEAD
R9
0Ω
JU4
VL
8 SUPSW
9
10 SUP
5 VL
LX
SUPSW
C6
0.1µF
C4
2.2µF
VL
C3
0.1µF
C2
4.7µF
C15*
0.1µF
C16*
1,000pF
C1
47µF
C14*
0.1µF
SUPSW
*- These components are
populated on the EVKIT to
provide front-end filtering
C9
2.2µF
C13
OPEN
LX
LX
R10
OPEN
C17
OPEN
18
16
R2
0Ω
SUP
L1
2.2µH
C7
22µF
C8
22µF
VOUT
17
2
R1
20.0kΩ
C11
10pF
C10
1,000pF
COMP 4
C12
OPEN
R8
OPEN
VL
R7
OPEN
R11
0Ω
VL
FB
JU1
VSUP
12
EN
1
2
3
1
2
3
FSYNC
7
VL
VSUP
JU3
1
2
3
20
SPS
JU2
R5
10kΩ
PGOOD 11
PGOOD
R3
100kΩ
R4
12.1kΩ
AGND
AGND
6
OUT
R6
0Ω
3
C5
0.1µF
PGND
VL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com