Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT5997 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT5997
Description  Seven-Channel E1 Line Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5997 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT5997 Datasheet HTML 17Page - Exar Corporation XRT5997 Datasheet HTML 18Page - Exar Corporation XRT5997 Datasheet HTML 19Page - Exar Corporation XRT5997 Datasheet HTML 20Page - Exar Corporation XRT5997 Datasheet HTML 21Page - Exar Corporation XRT5997 Datasheet HTML 22Page - Exar Corporation XRT5997 Datasheet HTML 23Page - Exar Corporation XRT5997 Datasheet HTML 24Page - Exar Corporation XRT5997 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
XRT5997
21
Rev. 1.0.0
TxPO S _x
TxNE G _x
TxClk _x
D ata
1
1
0
1
1
0
1
Bit
Pe riod
R Z P ulse is to be
applied in the first
half of the bit-period
N o pulse is to be applied
in the second half of the
bit period
N o A ctivity in TxClk Line
Figure 3. Illustration on how the Terminal Equipment should apply data to the “Transmit Section” of a
given Channel (within the XRT5997 Device), when operating in the “Clockless” Mode
Figure 3, indicates that when the user is operating a
channel in the “Clockless” Mode, then the correspond-
ing Terminal Equipment must do the following:
• Not apply a signal on the “TxClk_x” line.
• When applying a pulse (to either the TxPOS_x or
TxNEG_x input pin), apply an RZ pulse to the
appropriate input pin. This RZ pulse should only
have a width of one-half the bit-period. Addition,
the RZ pulse should occupy only the first half of
the bit-period. The TxPOS_x and TxNEG_x input
pins must be at 0V, during the second half of
every bit-period.
1.3
The Pulse Shaping Circuit
The purpose of the “Transmit Pulse Shaping” circuit is
to generate “Transmit Output” pulses that comply with
the ITU-T G.703 Pulse Template Requirements for E1
Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com