Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT5997 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT5997
Description  Seven-Channel E1 Line Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5997 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT5997 Datasheet HTML 3Page - Exar Corporation XRT5997 Datasheet HTML 4Page - Exar Corporation XRT5997 Datasheet HTML 5Page - Exar Corporation XRT5997 Datasheet HTML 6Page - Exar Corporation XRT5997 Datasheet HTML 7Page - Exar Corporation XRT5997 Datasheet HTML 8Page - Exar Corporation XRT5997 Datasheet HTML 9Page - Exar Corporation XRT5997 Datasheet HTML 10Page - Exar Corporation XRT5997 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
XRT5997
7
Rev. 1.0.0
PIN DESCRIPTION (CONT'D)
Pin#
Symbol
Type
Description
30
RxNEG3
O
Receiver 3 Negative Data Out:
This output pin will pulse “high” whenever Channel 3, within the XRT5997
device has received a “Negative Polarity” pulse, in the incoming line signal,
at RTIP3/RRing3 inputs.
31
TxPOS2
I
Transmitter - Positive Data Input – Channel 2:
The exact signal that should be applied to this input pin depends upon
whether the user intends to operate the “Transmit Section” (of Channel 2) in
the “Clocked” or “Clockless” Mode.
Clocked Mode:
The Terminal Equipment should apply bit-wide NRZ pulses on this input pin,
whenever the Terminal Equipment needs to transmit a “positive-polarity”
pulse onto the line via TTIP2 and TRing2 output pins). The XRT5997
device will sample this input pin upon the falling edge of the TClk2 signal.
Clockless Mode:
The Terminal Equipment should apply RZ pulses to this input pin, anytime
the Terminal Equipment needs to transmit a “positive-polarity” pulse onto the
line via TTIP2 and TRing2 output pins.
32
TxNEG2
I
Transmitter - Negative Data Input – Channel 2:
The exact signal that should be applied to this input pin depends upon
whether the user intends to operate the “Transmit Section” (of the Channel 2)
in the “Clocked” or “Clockless” Mode.
Clocked Mode:
The Terminal Equipment should apply bit-wide NRZ pulses on this input pin,
whenever the Terminal Equipment needs to transmit a “negative-polarity”
pulse onto the line via TTIP2 and TRing2 output pins. The XRT5997
device will sample this input pin upon the falling edge of the TClk2 signal.
Clockless Mode:
The Terminal Equipment should apply RZ pulses to this input pin, anytime the
Terminal Equipment needs to transmit a “negative-polarity” pulse onto the
line via TTIP2 and TRing2 output pins.
33
TxClk2
I
Transmitter Clock Input – Channel 2:
If the user operates Channel 2 (within the XRT5997 device) in the “clocked”
mode, then the “Transmit Section” of the Channel 2 will use the falling edge
of this signal to sample the data at the TxPOS2 and TxNEG2 input pins.
Note If the user operates the Channel 2 in the “clockless” mode, then the
Terminal Equipment should not apply a clock signal to this input pin.
Note: 1 Internally pull-up with 50K resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com