Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB4 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
INTERRUPTS
MC68HC05JB4
4-6
REV 2
Figure 4-4. External Interrupt (IRQ2) Logic
4.5.3 IRQ Control/Status Register (ICSR) - $0A
The IRQ interrupt function is controlled by the ICSR located at $000A. All unused
bits in the ICSR will read as logic zeros. The IRQF bit is cleared and IRQE bit is
set by reset.
IRQR — IRQ Interrupt Acknowledge
The IRQR acknowledge bit clears an IRQ interrupt by clearing the IRQ latch.
The IRQR acknowledge bit will always read as a logic zero.
1 =
Writing a logic one to the IRQR acknowledge bit will clear the IRQ
latch.
0 =
Writing a logic zero to the IRQR acknowledge bit will have no effect
on the IRQ latch.
IRQF — IRQ Interrupt Request Flag
Writing to the IRQF flag bit will have no effect on it. If the additional setting of
IRQF flag bit is not cleared in the IRQ service routine and the IRQE enable bit
remains set the CPU will re-enter the IRQ interrupt sequence continuously until
either the IRQF flag bit or the IRQE enable bit is clear. The IRQF latch is
cleared by reset.
1 =
Indicates that an IRQ request is pending.
0 =
Indicates that no IRQ request triggered by pins PA0-3 or IRQ is
pending. The IRQF flag bit can be cleared by writing a logic one to
the IRQR acknowledge bit to clear the IRQ latch and also
conditioning the external IRQ sources to be inactive (if the level
sensitive interrupts are enabled via mask option). Doing so before
exiting the service routine will mask out additional occurrences of
the IRQF.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ICSR
R
IRQE
IRQ2E
0
0
IRQF
IRQ2F
0
0
$000A
W
IRQR
IRQ2R
reset:
10000000
Figure 4-5. IRQ Control and Status Register (ICSR)
IRQ2
IRQ2
LATCH
VDD
IRQ2
INTERRUPT
R
IRQ2E
IRQ2R
ICSR ($0A)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com