Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705JB4 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
INPUT/OUTPUT PORTS
MOTOROLA
REV 2
7-3
7.2.2 Port-A Data Direction Register
7.2.3 Port-A Pull-up Control Register
7.3
PORT-B
Port-B is a 5-bit bi-directional port. The port-B data register is at $0001 and the
data direction register (DDRB) is at $0005. Reset does not affect the data regis-
ters, but clears the data direction registers, thereby returning the port pins to
inputs. Writing a ‘one’ to a DDR bit sets the corresponding port bit to output mode.
Each pin in Port-B has an internal pull-up resistor (50k
Ω typical) which can be
individually enabled by writing a ‘1’ to the corresponding bit in the Port-B pull-up
control register at location $0011.
All Port-B pins have built in Slow Output edge transition driver which can be
enabled by writing a ‘1’ to bit-6 of Port-B data direction register at location $0005.
When PB0 is configured as an input, it also serves as the input capture pin for the
16-bit Timer. When configured as output, the input to the input capture will be per-
manently tied “low” and no input capture can be generated. PB0 has built-in
schmitt triggered input to improve noise immunity.
PB3 and PB4 also serve as extra ADC inputs, AD4 and AD5. When a port pin is
selected as ADC input and the ADON bit is set to ‘1’, the pin will be configured as
input pin and its pull-up will be disabled automatically regardless of the status of
the DDR-bit. The value of the DDR-bit will not be affected.
If the pull-up device is enabled and the port pin is configured as output, the output
port becomes an open-drain output with 50k
Ω pull-up.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DDRA
R
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
$0004
W
reset:
00000000
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PURA
R
$0010
W
PURA7
PURA6
PURA5
PURA4
PURA3
PURA2
PURA1
PURA0
reset:
00000000
Port-B PURX
Port-B DDRX
Pin Configuration
0
0
Input
0
1
Output Push/Pull
1
0
Input with 50k pull-up
1
1
Open-drain Output with 50k pull-up
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com