Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT240 Datasheet(PDF) 4 Page - Texas Instruments

Part # HCT240
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCT240 Datasheet(HTML) 4 Page - Texas Instruments

  HCT240 Datasheet HTML 1Page - Texas Instruments HCT240 Datasheet HTML 2Page - Texas Instruments HCT240 Datasheet HTML 3Page - Texas Instruments HCT240 Datasheet HTML 4Page - Texas Instruments HCT240 Datasheet HTML 5Page - Texas Instruments HCT240 Datasheet HTML 6Page - Texas Instruments HCT240 Datasheet HTML 7Page - Texas Instruments HCT240 Datasheet HTML 8Page - Texas Instruments HCT240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN54HCT240, SN74HCT240
OCTAL BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS174E − MARCH 1984 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT240
SN74HCT240
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
4.5 V
20
42
63
53
ns
tpd
A
Y
5.5 V
19
38
56
48
ns
ten
OE
Y
4.5 V
25
52
79
65
ns
ten
OE
Y
5.5 V
22
47
71
59
ns
tt
Y
4.5 V
17
42
63
53
ns
tt
Y
5.5 V
14
38
57
48
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com