Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT240 Datasheet(PDF) 3 Page - Texas Instruments

Part # HCT240
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCT240 Datasheet(HTML) 3 Page - Texas Instruments

  HCT240 Datasheet HTML 1Page - Texas Instruments HCT240 Datasheet HTML 2Page - Texas Instruments HCT240 Datasheet HTML 3Page - Texas Instruments HCT240 Datasheet HTML 4Page - Texas Instruments HCT240 Datasheet HTML 5Page - Texas Instruments HCT240 Datasheet HTML 6Page - Texas Instruments HCT240 Datasheet HTML 7Page - Texas Instruments HCT240 Datasheet HTML 8Page - Texas Instruments HCT240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54HCT240, SN74HCT240
OCTAL BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS174E − MARCH 1984 − REVISED AUGUST 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54HCT240
SN74HCT240
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
2
2
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
∆t/∆v
Input transition rise/fall time
500
500
ns
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HCT240
SN74HCT240
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
VI = VIH or VIL
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = −6 mA
4.5 V
3.98
4.3
3.7
3.84
V
VOL
VI = VIH or VIL
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
V
II
VI = VCC or 0
5.5 V
±0.1
±100
±1000
±1000
nA
IOZ
VO = VCC or 0,
VI = VIH or VIL
5.5 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC†
One input at 0.5 V or 2.4 V,
Other inputs at 0 or VCC
5.5 V
1.4
2.4
3
2.9
mA
Ci
4.5 V
to 5.5 V
3
10
10
10
pF
† This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT240
SN74HCT240
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
4.5 V
13
25
37
32
ns
tpd
A
Y
5.5 V
12
23
33
29
ns
ten
OE
Y
4.5 V
21
35
53
44
ns
ten
OE
Y
5.5 V
19
32
48
40
ns
tdis
OE
Y
4.5 V
19
35
53
44
ns
tdis
OE
Y
5.5 V
18
32
48
40
ns
tt
Y
4.5 V
8
12
18
15
ns
tt
Y
5.5 V
7
11
16
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com