Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB80CW8 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 13Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 14Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 15Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 16Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 17Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 18Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 19Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 20Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
M69KB096AB
5 Standard Asynchronous operating modes
17/73
Table 3.
Standard Asynchronous Operating Modes
Asynchronous
Modes(1)(2)
1.
The Clock signal, K, must remain Low in asynchronous operating mode, and to achieve standby power in Standby and
Deep Power-Down modes.
2.
The device must have been configured to operate in asynchronous mode by setting BCR15 to ‘1’ (default value).
Power
E
W
G
UB
LB
CR
A19 A18
A0-A17
A20-A21
DQ0-DQ7
DQ8-DQ15
Word Read
Active
(ICC)
VIL
VIH
VIL
VIL
VIL
VIL
Valid
Output
Valid
Output
Valid
Lower Byte
Read
VIL
VIH
VIL
VIL
Valid
Output
Valid
High-Z
Upper Byte
Read
VIL
VIL
VIH
VIL
Valid
High-Z
Output
Valid
Word Write
VIL
X
VIL
VIL
VIL
Valid
Input Valid
Input Valid
Lower Byte
Write
X
VIH
VIL
VIL
Valid
Input Valid
Invalid
Upper Byte
Write
X
VIL
VIH
VIL
Valid
Invalid
Input Valid
Read
Configuration
Register
(CR Controlled
Method)
VIH VIL
XX
VIH
00(RCR)
10(BCR)
X1(DIDR)
X
BCR/
RCR/DIDR
Content
Program
Configuration
Register (CR
Controlled)(3)
3.
BCR and RCR only.
VIL
XX
X
00(RCR)
10(BCR)
(4)
4.
A18 and A19 are used to select the BCR, RCR or DIDR registers.
BCR/
RCR Data
X
Output Disable/
No Operation
Active
(ICC)
VIH VIH
XX
VIL
XX
X
High-Z
Deep
Power-Down(5)
5.
Bit 4 of the Refresh Configuration Register must be set to ‘0’ and E must be maintained High, VIH, during Deep Power-
Down mode.
Deep
Power-
Down
(ICCPD)
VIH
XX
X
X
X
X
X
X
High-Z
Standby
Standby
(IPASR)
VIH
XX
X
X
X
X
X
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com