Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB096AB80CW8 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M69KB096AB80CW8
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB80CW8 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M69KB096AB80CW8 Datasheet HTML 16Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 17Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 18Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 19Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 20Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 21Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 22Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 23Page - STMicroelectronics M69KB096AB80CW8 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
6 Synchronous Operating modes
M69KB096AB
20/73
6.3.2
Fixed Latency
The latency programmed in the BCR is the real latency. The number of clock cycles is
calculated by taking into account the time necessary for a refresh operation and the time
necessary for an initial Burst access. This limits the operating frequency for a given latency
value (see Table 4: Operating Frequency versus Latency and Figure 4: Latency Configuration
(Fixed Latency Mode)).
It is recommended to use the Fixed Latency mode if the microcontroller cannot monitor the
WAIT signal.
6.3.3
Row Boundary Crossing
The M69KB096AB features 128-Word rows. Row boundary crossings between adjacent rows
may occur during Burst Read and Write operations. Row boundary crossings are not handled
automatically by the PSRAM.
The microcontroller must stop the Burst operation at the row boundary and restart it at the
beginning of the next row. Burst operations must be stopped by driving the Chip Enable signal,
E, High, after the WAIT signal falling edge. E must transition:
●
before the third Clock cycle after the WAIT signal goes Low if BCR[8] = 0,
●
before the fourth Clock cycle after WAIT signal goes Low if BCR[8] = 1.
Refer to Figure 26 and Figure 30 for details on how to manage row boundary crossings during
burst operations.
6.4
Synchronous Burst Read Interrupt
Ongoing Burst Read operations can be interrupted to start a new Burst cycle by either of the
following means:
●
Driving E High, VIH, and then Low, VIL on the next clock cycle (recommended). If
necessary, refresh cycles will be added during the new Burst operation to schedule any
outstanding refresh. If Variable Latency mode is set, additional wait cycles will be added if
a refresh operation is scheduled during the Synchronous Burst Read Interrupt. WAIT
monitoring is mandatory for proper system operation.
●
Starting a new Synchronous Burst Read operation without toggling E.
An ongoing Burst Read operation can be interrupted only after the first valid data is output.
When a new Burst access starts, I/O signals immediately become high impedance.
6.5
Synchronous Burst Write Interrupt
Ongoing Burst Write operations can be interrupted to start a new Burst cycle by either of the
following means:
●
Driving E High, VIH, and then Low, VIL on the next clock cycle (recommended),
●
Starting a new Synchronous Burst Write without toggling E. Considering that Burst Writes
are always performed in Fixed Latency mode, refresh is never scheduled. A maximum
Chip Enable, E, low time (tELEH) must be respected for proper device operation.
An ongoing Burst Write can be interrupted only after the first data is input. When a new Burst
access starts, I/O signals immediately become high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com