Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1620249 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1620249
Description  Cable connector - CA-12P1N12T007
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620249 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1620249 Datasheet HTML 1Page - PHOENIX CONTACT 1620249 Datasheet HTML 2Page - PHOENIX CONTACT 1620249 Datasheet HTML 3Page - PHOENIX CONTACT 1620249 Datasheet HTML 4Page - PHOENIX CONTACT 1620249 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1620249
08/12/2021   Page 1 / 5
Cable connector - CA-12P1N12T007 - 1620249
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, CA, angled, shielded: yes, Screw locking, M23, No. of pos.: 12, Direction of rotation:
Standard, type of contact: Pin, Solder connection, cable diameter range: 6 mm ... 10 mm, coding:N
Your advantages
 Angled cable outlet for confined spaces
 Can be adapted to various applications, thanks to adjustable cable outlet direction
 Safe use in the field, thanks to high degree of protection
 Connector for flexible on-site assembly
 Consistent EMC protection for reliable transmission of signals
 Solder connection: proven connection technology for various litz wires
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356818346
Technical data
Temperature range
Ambient temperature
-40 °C ... 125 °C
Data of the insulating body
Coding
N
Insulator material
PBT
Contact material
CuZn
Contact surface material
Ni/Au
Insertion/withdrawal cycles mechanical
100
Contact connection method
Solder connection
Type of contacts
Pin
Application
Signal


Similar Part No. - 1620249

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620244 PHOENIX-1620244 Datasheet
435Kb / 14P
CA-16S1N8AT007 - Cable connector
1620245 PHOENIX-1620245 Datasheet
249Kb / 6P
Cable connector - CA-16P1N12T007
1620246 PHOENIX-1620246 Datasheet
241Kb / 6P
Cable connector - CA-16S1N12T007
1620247 PHOENIX-1620247 Datasheet
506Kb / 16P
CA-12P1N8AT007 - Cable connector
1620248 PHOENIX-1620248 Datasheet
483Kb / 15P
CA-12S1N8AT007 - Cable connector
More results

Similar Description - 1620249

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
Cable connector - CA-09P1N12T0DN
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
Cable connector - CA-19P1N12T008S
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
Cable connector - CA-16S1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
Cable connector - CA-07S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
Cable connector - CA-19S1N12T007S
1619412 PHOENIX-1619412 Datasheet
241Kb / 6P
Cable connector - CA-12S1N12T006S
1619429 PHOENIX-1619429 Datasheet
262Kb / 6P
Cable connector - CA-17P1N12T0DNS
1620181 PHOENIX-1620181 Datasheet
249Kb / 6P
Cable connector - CA-16P1N12T008
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
Cable connector - CA-19P1N128006
1619729 PHOENIX-1619729 Datasheet
64Kb / 4P
Cable connector - CA-17P1N128006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com