Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1620249 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1620249
Description  Cable connector - CA-12P1N12T007
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620249 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1620249 Datasheet HTML 1Page - PHOENIX CONTACT 1620249 Datasheet HTML 2Page - PHOENIX CONTACT 1620249 Datasheet HTML 3Page - PHOENIX CONTACT 1620249 Datasheet HTML 4Page - PHOENIX CONTACT 1620249 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1620249
08/12/2021   Page 2 / 5
Cable connector - CA-12P1N12T007 - 1620249
Technical data
Data of the insulating body
Number of positions
12
Direction of rotation
Standard
Rated voltage
48 V AC
74 V DC
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Contact diameter of signal contacts
1 mm
Litz wire cross section of signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Housing data
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-Zn)
Type of locking
Screw locking
Degree of protection (when plugged in)
IP67
Thread type
M23
Cable seal data
Cable diameter
6 mm ... 10 mm
Sealing material
NBR
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
N
7
5
4
8
9
12
10
11
PO
3
2
1
6
Dimensional drawing
Ø26
78



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com