Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70200 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD70200
Description  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70200 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD70200 Datasheet HTML 3Page - Microchip Technology PD70200 Datasheet HTML 4Page - Microchip Technology PD70200 Datasheet HTML 5Page - Microchip Technology PD70200 Datasheet HTML 6Page - Microchip Technology PD70200 Datasheet HTML 7Page - Microchip Technology PD70200 Datasheet HTML 8Page - Microchip Technology PD70200 Datasheet HTML 9Page - Microchip Technology PD70200 Datasheet HTML 10Page - Microchip Technology PD70200 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
The mode into which the MOSFET is switched is determined by the voltage developed across the MOSFET, or put
another way, the VPNOUT to VPNIN differential voltage. Two modes are defined below:
Table 1-1. Isolation Switch Modes
VPNOUT to VPNIN
Mode
Description
>0.7 V
Soft Start Mode
Limits VPNOUT current to 240 mA (typical)
≤0.7 V
Normal Operating Mode
Limits VPNOUT current to 1.8 A (typical)
By controlling the MOSFET current based on VPNOUT to VPNIN voltage, inrush currents generated by fully
discharged bulk capacitors can be limited. This method limits current to a maximum of 350 mA, compliant with IEEE
802.3af/at specification.
Soft Start current limiting is required to reduce occurrences of voltage sag at the PD input during device power-up. A
comparison is shown in the following figure.
Figure 1-3. Startup Comparison
Once bulk capacitance has charged up to a point where VPNOUT to VPNIN differential voltage is less than 0.7 V, the
isolation MOSFET is switched into normal operating mode with MOSFET current limit set at 1.8 A (typical), to provide
over-current protection.
PD70100 and PD70200 ICs are different in their respective isolation MOSFET’s continuous current handling
capability:
• PD70100: 450 mA (max.)
• PD70200: 1123 mA (max.)
An adequate heat sink for the PD70100/PD70200 IC’s exposed pad must be provided to achieve these current levels
without damaging the IC. A large, heavy copper fill area and/or a heavy ground plane with Thermal Vias is
recommended. Electrically the exposed pad ground plane should be connected to VPNIN.
Internal logic monitoring VPP to VPNIN will place the isolation switch MOSFET in a high impedance state if voltage
between VPP and VPNIN drops below 31 V to 34 V.
1.1.5
Over-Current Protection
Over-current protection is provided on the PD70100/PD70200 IC using the Isolation MOSFET Switch, which limits
the VPNOUT current to 1.8 A during normal operation. See previous description of Soft Start.
PD70100/PD70200
Functional Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com