Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70200 Datasheet(PDF) 11 Page - Microchip Technology

Part # PD70200
Description  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70200 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PD70200 Datasheet HTML 7Page - Microchip Technology PD70200 Datasheet HTML 8Page - Microchip Technology PD70200 Datasheet HTML 9Page - Microchip Technology PD70200 Datasheet HTML 10Page - Microchip Technology PD70200 Datasheet HTML 11Page - Microchip Technology PD70200 Datasheet HTML 12Page - Microchip Technology PD70200 Datasheet HTML 13Page - Microchip Technology PD70200 Datasheet HTML 14Page - Microchip Technology PD70200 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
...........continued
Parameter
Symbol
Min
Typ
Max
Units
Test Condition/
Comment
Input Current IPP When Classification
Function is Enabled
ICLASSEN
9.0
10.5
12.0
mA
Class 1
RCLASS = 133 Ω
±1%
17.0
18.5
20.0
mA
Class 2
RCLASS = 69.8 Ω
±1%
26.0
28.0
30.0
mA
Class 3
RCLASS = 45.3 Ω
±1%
36.0
40.0
44.0
mA
Class 4
RCLASS = 30.9 Ω
±1%
2.2.4
Mark
Table 2-5. Mark
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/
Comment
Mark, Working Voltage
Range
VMARK
4.9
10.1
V
When voltage decreases
Measured between VPP to
VPNIN
Mark Current
IMARK
0.25
4
mA
Chip current
2.2.5
Isolation Switch
Table 2-6. Isolation Switch
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/
Comment
Isolation Switch MOSFET
Switches from Off to ILIM-LOW
VSW-START
36
42
V
Isolation Switch MOSFET
Switched Off
VSW-OFF
30.5
34.5
V
Startup Current Limit, ILIM
ILIM-LOW
105
240
325
mA
VPNIN to VPNOUT Threshold
Voltage for ILIM- LOW to ILIM-HIGH
Switchover
VDIFF
0.7
V
When VPNIN to
VPNOUT ≤ VDIFF,
Isolating switch
switches over from
ILIM-LOW to ILIM-HIGH.
Over Current Protection Current
Limit
OCP
1500
1800
2000
mA
PD70100/PD70200
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com