Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDLL457 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FDLL457
Description  High Conductance Low Leakage Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FDLL457 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  FDLL457 Datasheet HTML 1Page - National Semiconductor (TI) FDLL457 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Symbol
Parameter
Test Conditions
Min
Max
Units
BV
Breakdown Voltage
456/A
457/A
458/A
459/A
IR = 100
µA
IR = 100
µA
IR = 100
µA
IR = 100
µA
30
70
150
200
V
V
V
V
IR
Reverse Current
456/A
457/A
458/A
459/A
VR = 25 V
VR = 25 V, TA = 150
°C
VR = 60 V
VR = 60 V, TA = 150
°C
VR = 125 V
VR = 125 V, TA = 150
°C
VR = 175 V
VR = 175 V, TA = 150
°C
25
5.0
25
5.0
25
5.0
25
5.0
nA
µA
nA
µA
nA
µA
nA
µA
VF
Forward Voltage
456
457
458
459
456/A-459/A
IF = 40 mA
IF = 10 mA
IF = 7.0 mA
IF = 3.0 mA
IF = 100 mA
1.0
1.0
1.0
1.0
1.0
V
V
V
V
V
CO
Diode Capacitance
VR = 0, f = 1.0 MHz
6.0
pF
Electrical Characteristics
TA = 25°C unless otherwise noted
High Conductance Low Leakage Diode
(continued)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com