Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDLL457 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FDLL457
Description  High Conductance Low Leakage Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FDLL457 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FDLL457 Datasheet HTML 1Page - National Semiconductor (TI) FDLL457 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Discrete POWER & Signal
Technologies
N
High Conductance Low Leakage Diode
Sourced from Process 1M.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
WIV
Working Inverse Voltage
456/A
457/A
458/A
459/A
25
60
125
175
V
V
V
V
IO
Average Rectified Current
200
mA
IF
DC Forward Current
500
mA
if
Recurrent Peak Forward Current
600
mA
if(surge)
Peak Forward Surge Current
Pulse width = 1.0 second
Pulse width = 1.0 microsecond
1.0
4.0
A
A
Tstg
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
1N / FDLL 456/A - 459/A
PD
Total Device Dissipation
Derate above 25
°C
500
3.33
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
1N/FDLL 456/A - 1N/FDLL 459/A
LL-34
THE PLACEMENT OF THE EXPANSION GAP
HAS NO RELATIONSHIP TO THE LOCATION
OF THE CATHODE TERMINAL
DO-35
COLOR BAND MARKING
DEVICE
1ST BAND 2ND BAND
FDLL456
BROWN
WHITE
FDLL456A
BROWN
WHITE
FDLL457
RED
BLACK
FDLL457A
RED
BLACK
FDLL458
RED
BROWN
FDLL458A
RED
BROWN
FDLL459
RED
RED
FDLL459A
RED
RED


Similar Part No. - FDLL457

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL457A FAIRCHILD-FDLL457A Datasheet
57Kb / 2P
Small Signal Diode
More results

Similar Description - FDLL457

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL485B FAIRCHILD-FDLL485B Datasheet
25Kb / 3P
High Conductance, Low Leakage Diode
FLLD261 FAIRCHILD-FLLD261 Datasheet
51Kb / 5P
HIGH CONDUCTANCE LOW LEAKAGE DIODE
FDLL3595 FAIRCHILD-FDLL3595 Datasheet
31Kb / 3P
High Conductance, Low Leakage Diode
FDLL300A FAIRCHILD-FDLL300A Datasheet
235Kb / 9P
High Conductance Low Leakage Diode
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A Datasheet
245Kb / 4P
High conductance low leakage diode
logo
Guangdong Kexin Industr...
MMBD1701A KEXIN-MMBD1701A Datasheet
41Kb / 2P
High Conductance Low Leakage Diode
logo
Shenzhen Luguang Electr...
MMBD1501A LUGUANG-MMBD1501A Datasheet
282Kb / 3P
High Conductance Low Leakage Diode
logo
WILLAS ELECTRONIC CORP
MMBD1501A WILLAS-MMBD1501A Datasheet
393Kb / 4P
High conductance low leakage diode
logo
Diode Semiconductor Kor...
MMBD1501A DSK-MMBD1501A Datasheet
329Kb / 4P
High conductance low leakage diode
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A_17 Datasheet
172Kb / 4P
High conductance low leakage diode
Rev.A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com