Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH10N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH10N60
Description  10 AMP, 600V, 0.55-ohm / 0.7-ohm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH10N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH10N60 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - IXTH10N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH10N60 ISC-IXTH10N60 Datasheet
367Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH10N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
26-Sep-2006
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD7N25 MGCHIP-MDD7N25 Datasheet
925Kb / 6P
N-Channel MOSFET 250V, 6.2A, 0.55(ohm)
MDF10N60B MGCHIP-MDF10N60B Datasheet
757Kb / 6P
N-Channel MOSFET 600V, 10A, 0.7(ohm)
MDF11N60 MGCHIP-MDF11N60 Datasheet
959Kb / 6P
N-Channel MOSFET 600V, 11A, 0.55(ohm)
MDFS11N60 MGCHIP-MDFS11N60 Datasheet
1Mb / 6P
N-Channel MOSFET 600V, 11A, 0.55(ohm)
MDHT7N25 MGCHIP-MDHT7N25 Datasheet
1,000Kb / 7P
N-Channel MOSFET 250V, 1.4A, 0.55(ohm))
MDP10N60G MGCHIP-MDP10N60G Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 10A, 0.7(ohm)
MDP11N60 MGCHIP-MDP11N60 Datasheet
1Mb / 6P
N-Channel MOSFET 600V, 11A, 0.55(ohm)
MMF60R115P MGCHIP-MMF60R115P Datasheet
1Mb / 10P
600V 0.115(ohm) N-channel MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com